Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH1751-P Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH1751-P
Description  HALL EFFECT LATCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1751-P Datasheet(HTML) 1 Page - Diodes Incorporated

  AH1751-P Datasheet HTML 1Page - Diodes Incorporated AH1751-P Datasheet HTML 2Page - Diodes Incorporated AH1751-P Datasheet HTML 3Page - Diodes Incorporated AH1751-P Datasheet HTML 4Page - Diodes Incorporated AH1751-P Datasheet HTML 5Page - Diodes Incorporated AH1751-P Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AH1751
HALL EFFECT LATCH
AH1751 Rev. 1 - 2
1 of 6
APRIL 2008
www.diodes.com
© Diodes Incorporated
Features
General Description
AH1751 is a single-digital-output Hall-effect sensor for high
temperature operation. The device includes an on-chip Hall
voltage generator for magnetic sensing, an amplifier to amplify
Hall voltage, and a comparator to provide switching hysteresis for
noise rejection, and an open-collector output pre-driver. An
internal band-gap regulator is used to provide temperature
compensated supply voltage for internal circuits and allows a
wide operating supply range.
Bipolar Hall Effect Latch Sensor
3.5V to 20V DC Operation Voltage
Open Collector Pre-Driver
50mA Output Sink Current
Chip Power Reverse-Connection Protection
Operating Temperature: -40
oC~125oC
Package: SIP3
SIP3: Available in “Green” Molding Compound
(No Br, Sb)
While the magnetic flux density (B) is larger than threshold Bop,
the OUT pin turns on (low). If B removed toward Brp, the OUT pin
is latched “on” state prior to B < Brp. When B < Brp, the OUT pin
go into “ off ” state.
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
Rotor Position Sensing
Current Switch
Encoder
RPM Detection
Ordering Information
AH1751 - X X X - X
Packing
P : SIP3
Package
Lead Free
Magnetic
Characteristics
A
-B : Bulk (Note 4)
-A : Ammo (Note 3)
G : Green
Tube/Bulk
Ammo Box
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AH1751-P
P
SIP3
1000
-B
4000/Box
-A
Notes:
1. RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
3. Ammo Box is for SIP3 Spread Lead.
4. Bulk is for SIP3 Straight Lead.


Similar Part No. - AH1751-P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1751-PG-7-A DIODES-AH1751-PG-7-A Datasheet
143Kb / 9P
   HALL EFFECT LATCH
AH1751 Rev. 4
AH1751-PG-A-A DIODES-AH1751-PG-A-A Datasheet
143Kb / 9P
   HALL EFFECT LATCH
AH1751 Rev. 4
AH1751-PG-B-A DIODES-AH1751-PG-B-A Datasheet
143Kb / 9P
   HALL EFFECT LATCH
AH1751 Rev. 4
More results

Similar Description - AH1751-P

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
EM-6011 AKM-EM-6011 Datasheet
543Kb / 13P
   Hall Effect Latch
logo
Diodes Incorporated
AH1751 DIODES-AH1751_09 Datasheet
143Kb / 9P
   HALL EFFECT LATCH
AH1751 Rev. 4
logo
Feeling Technology Corp...
FS41 FEELING-FS41 Datasheet
101Kb / 7P
   Single Hall Effect Latch
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
   Dual Hall Effect Latch
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
logo
Feeling Technology Corp...
FS3144 FEELING-FS3144 Datasheet
102Kb / 7P
   Single Hall Effect Latch
logo
List of Unclassifed Man...
MLX90224 ETC-MLX90224 Datasheet
174Kb / 8P
   DUAL HALL EFFECT LATCH
logo
SeCoS Halbleitertechnol...
SH177 SECOS-SH177 Datasheet
488Kb / 5P
   Hall Effect Latch IC
logo
Feeling Technology Corp...
FS1102 FEELING-FS1102 Datasheet
100Kb / 7P
   Single Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com