Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40211DGQ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40211DGQ
Description  4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40211DGQ Datasheet(HTML) 2 Page - Texas Instruments

  TPS40211DGQ Datasheet HTML 1Page - Texas Instruments TPS40211DGQ Datasheet HTML 2Page - Texas Instruments TPS40211DGQ Datasheet HTML 3Page - Texas Instruments TPS40211DGQ Datasheet HTML 4Page - Texas Instruments TPS40211DGQ Datasheet HTML 5Page - Texas Instruments TPS40211DGQ Datasheet HTML 6Page - Texas Instruments TPS40211DGQ Datasheet HTML 7Page - Texas Instruments TPS40211DGQ Datasheet HTML 8Page - Texas Instruments TPS40211DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
DEVICE RATINGS
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PACKAGE DISSIPATION RATINGS
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
TPS40210, TPS40211
SLUS772A – MARCH 2008 – REVISED APRIL 2008......................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE
TAPE AND REEL
TJ
PACKAGE
PART NUMBER
LEAD
QUANTITY
2500
TPS40210DGQR
10-Pin MSOP
DGQ
PowerPAD
80
TPS40210DGQ
-40
°C to 125°C
3000
TPS40210DRCR
10-Pin SON
DRC
250
TPS40210DRCT
2500
TPS40211DGQR
10-Pin MSOP
DGQ
PowerPAD
80
TPS40211DGQ
-40
°C to 125°C
3000
TPS40211DRCR
10-Pin SON
DRC
250
TPS40211DRCT
over operating free-air temperature range unless otherwise noted
(1)
TPS40210
UNIT
TPS40211
VDD
–0.3 to 52
Input voltage range
RC, SS, FB, DIS/EN
–0.3 to 10
V
ISNS
–0.3 to 8
Output voltage range
COMP, BP, GDRV
–0.3 to 9
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature
–55 to 150
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VVDD
Input voltage
4.5
52
V
TJ
Operating Junction temperature
-40
125
°C
RθJA High-K Board
(1)
Power Rating (W)
Power Rating (W)
PACKAGE
AIRFLOW (LFM)
(
°C/W)
TA = 25°C
TA = 85°C
10-Pin MSOP PowerPAD
0 (Natural Convection)
57.7
1.73
0.693
(DGQ)
10-Pin SON (DRC)
0 (Natural Convection)
47.9
2.08
0.835
(1)
Ratings based on JEDEC High Thermal Conductivity (High K) Board. For more information on the test method, see TI Technical Brief
SZZA017.
MIN
TYP
MAX
UNIT
Human Body Model (HBM)
1500
V
Charged Device Model (CDM)
1500
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS40210 TPS40211


Similar Part No. - TPS40211DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40211DGQ TI-TPS40211DGQ Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DGQ TI-TPS40211DGQ Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DGQ TI1-TPS40211DGQ Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40211DGQG4 TI1-TPS40211DGQG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40211DGQR TI-TPS40211DGQR Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
More results

Similar Description - TPS40211DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com