Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40210DGQR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40210DGQR
Description  4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40210DGQR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40210DGQR Datasheet HTML 2Page - Texas Instruments TPS40210DGQR Datasheet HTML 3Page - Texas Instruments TPS40210DGQR Datasheet HTML 4Page - Texas Instruments TPS40210DGQR Datasheet HTML 5Page - Texas Instruments TPS40210DGQR Datasheet HTML 6Page - Texas Instruments TPS40210DGQR Datasheet HTML 7Page - Texas Instruments TPS40210DGQR Datasheet HTML 8Page - Texas Instruments TPS40210DGQR Datasheet HTML 9Page - Texas Instruments TPS40210DGQR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
-0.8
-0.4
0.4
-40
-0.6
0.2
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
0.0
-0.2
12 V
4.5 V
52 V
V
VDD
52 V
4.5 V
12 V
-0.5
-0.3
0.5
0
-0.4
0.4
V
VDD – Input Voltage – V
10
30
20
60
50
40
0.1
0.0
0.2
-0.1
-0.2
0.3
4.00
4.30
-40
4.05
4.25
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
4.15
4.10
4.20
UVLO On
UVLO Off
Off
On
UVLO
147
150
155
-40
148
154
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
152
151
4.5 V
7.5 V
30 V
12 V & 20 V
4.5 V
7.5 V
V
VDD
30 V
12 V & 20 V
153
149
TPS40210, TPS40211
SLUS772A – MARCH 2008 – REVISED APRIL 2008......................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
REFERENCE VOLTAGE CHANGE
REFERENCE VOLTAGE CHANGE
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
Figure 5.
Figure 6.
UNDERVOLTAGE LOCKOUT THRESHOLD
OVERCURRENT THRESHOLD
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS40210 TPS40211


Similar Part No. - TPS40210DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210DGQR TI-TPS40210DGQR Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210DGQR TI-TPS40210DGQR Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210DGQR TI1-TPS40210DGQR Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210DGQRG4 TI-TPS40210DGQRG4 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210DGQRG4 TI1-TPS40210DGQRG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
More results

Similar Description - TPS40210DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com