Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI2EQX5864 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI2EQX5864
Description  5.0Gbps 4-Lane PCI Express GenII Re-Driver with Equalization, Emphasis, &I2C Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX5864 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI2EQX5864 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
PS8934A
01/21/08
PI2EQX5864
5.0Gbps 4-Lane PCI Express GenII Re-Driver
with Equalization, Emphasis and I2C Control
Output Configuration
The PI2EQX5864 provides flexible output strength and emphasis controls to provide the optimum signal to pre-compensate for
losses across long trace or noisy environments so that the receiver gets a clean with good eye opening. Control of output configura-
tion is grouped for the A and B channels, so that each channel within the group has the same setting.
Output configuration can be set via I2C when the mode pin is LOW. The Output Swing Control table shows available configuration
settings for output level control, as specified by the SELx_y registers.
Output Swing Control
S1_[A:B]
S0_[A:B]
Swing (Diff. VPP)
001V
0
1
0.5V
1
0
0.7V
1
1
0.9V
Output De-emphasis Adjustment
D2_[A:B]
D1_[A:B]
D0_[A:B]
De-emphasis
0000dB
0
0
1
-2.5dB
0
1
0
-3.5dB
0
1
1
-4.5dB
1
0
0
-5.5dB
1
0
1
-6.5dB
1
1
0
-7.5dB
1
1
1
-8.5dB
Emphasis settings are determined by the state of the Dx_y input pins and configuration registers, as shown below. De-Emphasis is
selected as the default power-on mode in following the PCI Express specification, but can be changed to Pre-emphasis via repro-
gramming the Loopback and Emphasis Control register using the I2C interface.
Card Present Function
The PRSNT2# input allows direct control of the number of active lanes using the PRSNT2# signal from a PCI Express connector or
cable. PRSNT2# is a level sensitive input pin, and controls both directions of the receiver detect function. The receiver detect state
machine is only active when PRSNT2# is low, otherwise, the input termination will be high-impedance and output termination will
be 2K-Ohm. See the I/O operation table for more information.
Input Level Detect
An input level detect and output squelch function is provided on each channel to eliminate re-transmission of input noise. A continu-
ous signal level below the Vth- threshold causes the output driver to go to a high-impredance state, so that both the positive and nega-
tive output signal are pulled to VDD by the internal pull-up resistors. This feature supports L0S PCI Express Electrical Idle state.
07-0277


Similar Part No. - PI2EQX5864

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX5804C PERICOM-PI2EQX5804C Datasheet
974Kb / 23P
   5.0Gbps 4-Lane PCIe짰 2.0 ReDriver??with Equalization & Emphasis
PI2EQX5804CNJE PERICOM-PI2EQX5804CNJE Datasheet
974Kb / 23P
   5.0Gbps 4-Lane PCIe짰 2.0 ReDriver??with Equalization & Emphasis
More results

Similar Description - PI2EQX5864

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX5804CNJE PERICOM-PI2EQX5804CNJE Datasheet
974Kb / 23P
   5.0Gbps 4-Lane PCIe짰 2.0 ReDriver??with Equalization & Emphasis
PI2EQX5904NJE PERICOM-PI2EQX5904NJE Datasheet
153Kb / 1P
   5.0Gbps, 4-Lane PCIe짰 2.0 ReDriverTM with Equalization and Emphasis
logo
Texas Instruments
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
logo
National Semiconductor ...
DS50PCI401 NSC-DS50PCI401 Datasheet
939Kb / 32P
   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
logo
Texas Instruments
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_15 Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI401 TI1-DS50PCI401_13 Datasheet
1Mb / 36P
[Old version datasheet]   DS50PCI401 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com