Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3PDB85N18 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # S3PDB85N18
Description  Three Phase Rectifier Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S3PDB85N18 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  S3PDB85N18 Datasheet HTML 1Page - Sirectifier Semiconductors S3PDB85N18 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S3PDB85
Three Phase Rectifier Modules
Type
S3PDB85N08
S3PDB85N12
S3PDB85N14
S3PDB85N16
S3PDB85N18
VRRM
V
800
1200
1400
1600
1800
VRSM
V
900
1300
1500
1700
1900
Dimensions in mm (1mm=0.0394")
Symbol
Test Conditions
Maximum Ratings
Unit
Idav
TC=100
oC, module
85
A
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
750
820
600
700
A
IFSM
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
2800
2820
2200
2250
A
2s
I
2t
TVJ
TVJM
Tstg
-40...+150
150
-40...+125
oC
VISOL
50/60Hz, RMS
t=1min
IISOL<1mA
t=1s
2500
3000
V~
Md
Mounting torque (M5)
(10-32 UNF)
_
44+15%
Weight
typ.
110
g
~ ~
~
+
5+15%
_
_
Nm
lb.in.


Similar Part No. - S3PDB85N18

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PDB85N18 SIRECTIFIER-S3PDB85N18 Datasheet
149Kb / 2P
   Three Phase Rectifier Modules
More results

Similar Description - S3PDB85N18

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PDB80NXX SIRECTIFIER-S3PDB80NXX Datasheet
567Kb / 3P
   Three Phase Rectifier Modules
S3PDB200NXX SIRECTIFIER-S3PDB200NXX Datasheet
86Kb / 2P
   Three Phase Rectifier Modules
S3PDB41NXX SIRECTIFIER-S3PDB41NXX Datasheet
326Kb / 4P
   Three Phase Rectifier Modules
logo
List of Unclassifed Man...
S3PDB25 ETC2-S3PDB25 Datasheet
59Kb / 2P
   Three Phase Rectifier Modules
logo
Sirectifier Semiconduct...
S3PDB60NXX SIRECTIFIER-S3PDB60NXX Datasheet
114Kb / 2P
   Three Phase Rectifier Modules
S3PDB91NXX SIRECTIFIER-S3PDB91NXX Datasheet
298Kb / 3P
   Three Phase Rectifier Modules
S3PDB25NXX SIRECTIFIER-S3PDB25NXX Datasheet
73Kb / 2P
   Three Phase Rectifier Modules
S3PDB250 SIRECTIFIER-S3PDB250 Datasheet
59Kb / 2P
   Three Phase Rectifier Modules
S3PDB40 SIRECTIFIER-S3PDB40 Datasheet
69Kb / 2P
   Three Phase Rectifier Modules
S3PDB80 SIRECTIFIER-S3PDB80 Datasheet
69Kb / 2P
   Three Phase Rectifier Modules
S3PDB130 SIRECTIFIER-S3PDB130 Datasheet
59Kb / 2P
   Three Phase Rectifier Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com