Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMF4809DC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NMF4809DC
Description  Isolated 1W Regulated Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NMF4809DC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NMF4809DC Datasheet HTML 1Page - List of Unclassifed Manufacturers NMF4809DC Datasheet HTML 2Page - List of Unclassifed Manufacturers NMF4809DC Datasheet HTML 3Page - List of Unclassifed Manufacturers NMF4809DC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.cd4power.com
NMF SERIES
Isolated 1W Regulated Single Output DC/DC Converters
KDC_NMFC.4 Page 2 of 4
INPUT CHARACTERISTICS
Parameter
Conditions
MIN.
TYP.
MAX.
Units
Voltage range
Continuous operation, 5V input types
4.75
5
5.25
V
Continuous operation, 12V input types
11.4
12
12.6
Continuous operation, 24V input types
22.8
24
25.2
Continuous operation, 48V input types
45.6
48
50.4
OUTPUT CHARACTERISTICS
Parameter
Conditions
MIN.
TYP.
MAX.
Units
Voltage set point accuracy
100% load
5
%
Rated power 1
TA= 0
°C to 70°C
1
W
Line regulation
High VIN to low VIN
0.25
%/%
Load regulation
10% load to rated load
0.9
1.5
%
Ripple & noise
BW=DC to 20MHz, all output types
60
mV p-p
ISOLATION CHARACTERISTICS
Parameter
Conditions
MIN.
TYP.
MAX.
Units
Isolation test voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 500VDC
0.1
GΩ
GENERAL CHARACTERISTICS
Parameter
Conditions
MIN.
TYP.
MAX.
Units
Switching frequency
All input types
90
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
MIN.
TYP.
MAX.
Units
Specification
All output types
0
70
°C
Case temperature above ambient
38
Storage
-55
150
Cooling
Free air convection
TEMPERATURE DERATING GRAPH
150
100
50
0
0
0.5
1.0
1.5
Safe Operating Area
Ambient Temperature (ºC)
70°C
125ºC
OUTPUT VOLTAGE ADJUSTMENT (for 5V output variants)
The trimming (adjust) input on the device allows output voltage adjustment from 1.2V to 3.3VDC by using a resistor as shown here. The table below provides RTRIM values for the
most commonly required output voltages. For applications not requiring the TRIM function, this pin must be left unconnected for normal regulated output.
VOUT SET (V)
RTRIM (Ω)
1.2
0
1.5
64
2.0
224
2.1
263
2.2
304
2.5
448
3.3
1071
+VIN
VOUT
-VOUT
TRIM
RTRIM
NMF
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering
systems with a peak wave solder temperature of
300ºC for 10 seconds. The pin termination finish
on the SIP package type is Tin Plate, Hot Dipped
over Matte Tin over Nickel Preplate. The DIP
types are Matte Tin over Nickel Preplate. Both
types in this series are backward compatible
with Sn/Pb soldering systems.
For further information, please visit www.cd4power.com/rohs
1. See derating graph.


Similar Part No. - NMF4809DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMF4809D CANDD-NMF4809D Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
More results

Similar Description - NMF4809DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
Toppower Electronic Tec...
TPF TOPPOWER-TPF Datasheet
655Kb / 3P
   1W 3KVDC Isolated Regulated Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com