Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMF2415DC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NMF2415DC
Description  Isolated 1W Regulated Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NMF2415DC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NMF2415DC Datasheet HTML 1Page - List of Unclassifed Manufacturers NMF2415DC Datasheet HTML 2Page - List of Unclassifed Manufacturers NMF2415DC Datasheet HTML 3Page - List of Unclassifed Manufacturers NMF2415DC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.cd4power.com
NMF SERIES
Isolated 1W Regulated Single Output DC/DC Converters
KDC_NMFC.4 Page 4 of 4
PACKAGE SPECIFICATIONS (continued)
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
C&D Technologies (NCL) Limited reserve the right to alter or improve the specification, internal design or manufacturing
process at any time, without notice. Please check with your supplier or visit our website to ensure that you have the current
and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2005 KDC_NMFC.4
No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including,
but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D
Technologies (NCL) Limited. Instructions for use are available from www.cd4power.com
All dimensions in inches ±0.01 (mm ±0.25mm).
Tube length (14 Pin DIP) : 20.47 (520mm ±2mm).
Tube length (7 Pin SIP) : 20.47 (520mm ±2mm).
14 Pin DIP Tube
7 Pin SIP Tube
14 Pin DIP Package
7 Pin SIP Package
Tube Quantity : 25
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, UK
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: MK@cdtechno.com
All dimensions in inches ±0.01 (mm ±0.25mm).
C&D Technologies, Inc.
11 Cabot Boulevard, Mansfield,
MA 02048-1151, USA
Tel: +1 (508) 339-3000
Fax: +1 (800) 233-2765
email: sales@cdtechno.com


Similar Part No. - NMF2415DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMF2415D CANDD-NMF2415D Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
More results

Similar Description - NMF2415DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
Toppower Electronic Tec...
TPF TOPPOWER-TPF Datasheet
655Kb / 3P
   1W 3KVDC Isolated Regulated Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com