Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1PDB174N18 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # S1PDB174N18
Description  Single Phase Bridge Rectifiers Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S1PDB174N18 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  S1PDB174N18 Datasheet HTML 1Page - Sirectifier Semiconductors S1PDB174N18 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S1PDB174
FEATURES
* Package with screw terminals
* Isolation voltage 3000 V~
* Planar passivated chips
* Blocking voltage up to 1800 V
* Low forward voltage drop
ADVANTAGES
* Easy to mount with two screws
* Space and weight savings
* Improved temperature and power
cycling
APPLICATIONS
* Supplies for DC power equipment
* Input rectifiers for PWM inverter
* Battery DC power supplies
* Field supply for DC motors
Symbol
Test Conditions
Characteristic Values
Unit
VR=VRRM; TVJ=25
oC
VR=VRRM; TVJ=TVJM
< 0.3
< 5
mA
VF
IF=300A; TVJ=25
oC
< 1.43
V
IR
VTO
For power-loss calculations only
0.8
V
rT
TVJ=TVJM
2.2
per diode; 180
o
per module
RthJC
0.45
0.11
K/W
per diode; 180
o
per module
RthJK
0.6
0.15
K/W
dS
Creeping distance on surface
10
mm
dA
Creepage distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s
2
_
_
_
m
Single Phase Bridge Rectifiers Modules


Similar Part No. - S1PDB174N18

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S1PDB174N18 SIRECTIFIER-S1PDB174N18 Datasheet
87Kb / 2P
   Single Phase Bridge Rectifiers Modules
More results

Similar Description - S1PDB174N18

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S1PDB122 SIRECTIFIER-S1PDB122 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB60NXX SIRECTIFIER-S1PDB60NXX Datasheet
83Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB174NXX SIRECTIFIER-S1PDB174NXX Datasheet
87Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB52NXX SIRECTIFIER-S1PDB52NXX Datasheet
81Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB72NXX SIRECTIFIER-S1PDB72NXX Datasheet
96Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB52 SIRECTIFIER-S1PDB52 Datasheet
64Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB72 SIRECTIFIER-S1PDB72 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB60 SIRECTIFIER-S1PDB60 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB122NXX SIRECTIFIER-S1PDB122NXX Datasheet
82Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB35005 SIRECTIFIER-S1PDB35005 Datasheet
100Kb / 2P
   Single Phase Bridge Rectifiers Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com