Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCU04M96 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCU04M96
Description  High-Speed CMOS Logic Hex Inverter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCU04M96 Datasheet(HTML) 3 Page - Texas Instruments

  CD74HCU04M96 Datasheet HTML 1Page - Texas Instruments CD74HCU04M96 Datasheet HTML 2Page - Texas Instruments CD74HCU04M96 Datasheet HTML 3Page - Texas Instruments CD74HCU04M96 Datasheet HTML 4Page - Texas Instruments CD74HCU04M96 Datasheet HTML 5Page - Texas Instruments CD74HCU04M96 Datasheet HTML 6Page - Texas Instruments CD74HCU04M96 Datasheet HTML 7Page - Texas Instruments CD74HCU04M96 Datasheet HTML 8Page - Texas Instruments CD74HCU04M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage, VCC
Voltages Referenced to Ground . . . . . . . . . . . . . . . . -0.5V to +7V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±20mA
DC Drain Current, per Output, IO
For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±25mA
DC VCC or Ground Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . .±50mA
Operating Conditions
Temperature Range TA. . . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range, VCC . . . . . . . . . . . . . . . . . . . . . . . . .2V to 6V
DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
M (SOIC) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
PW (TSSOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 113
Maximum Junction Temperature (Hermetic Package or Die) . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating, and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. The package thermal impedance is calculated in accordance with JESD 51-7.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO +85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
High Level Input
Voltage
VIH
-
-
2
1.7
-
1.7
-
1.7
-
V
4.5
3.6
-
3.6
-
3.6
-
V
6
4.8
-
4.8
-
4.8
-
V
Low Level Input
Voltage
VIL
-
-
2
-
0.3
-
0.3
-
0.3
V
4.5
-
0.8
-
0.8
-
0.8
V
6
-
1.1
-
1.1
-
1.1
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or
VIL
-0.02
2
1.8
-
1.8
-
1.8
-
V
-0.02
4.5
4
-
4
-
4
-
V
-0.02
6
5.5
-
5.5
-
5.5
-
V
High Level Output
Voltage
TTL Loads
VCC or
GND
-4
4.5
3.98
-
3.84
-
3.7
-
V
-5.2
6
5.48
-
5.34
-
5.2
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or
VIL
0.02
2
-
0.2
-
0.2
-
0.2
V
0.02
4.5
-
0.5
-
0.5
-
0.5
V
0.02
6
-
0.5
-
0.5
-
0.5
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
0.26
-
0.33
-
0.4
V
VCC or
GND
5.2
6
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC or
GND
-6-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
06
-
2
-
20
-
40
µA
CD74HCU04


Similar Part No. - CD74HCU04M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCU04M96 TI-CD74HCU04M96 Datasheet
217Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04M96 TI1-CD74HCU04M96 Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04M96E4 TI-CD74HCU04M96E4 Datasheet
217Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04M96E4 TI1-CD74HCU04M96E4 Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04M96G4 TI1-CD74HCU04M96G4 Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
More results

Similar Description - CD74HCU04M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC04 TI-CD54HC04 Datasheet
30Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04_06 Datasheet
217Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD54HC04F3A TI-CD54HC04F3A Datasheet
890Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04-Q1 TI1-CD74HCU04-Q1 Datasheet
501Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC HEX INVERTER
CD74HCU04 TI1-CD74HCU04_15 Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC Inverter
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com