Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LVT16245B Datasheet(PDF) 2 Page - Texas Instruments

Part # SN54LVT16245B
Description  3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVT16245B Datasheet(HTML) 2 Page - Texas Instruments

  SN54LVT16245B_08 Datasheet HTML 1Page - Texas Instruments SN54LVT16245B_08 Datasheet HTML 2Page - Texas Instruments SN54LVT16245B_08 Datasheet HTML 3Page - Texas Instruments SN54LVT16245B_08 Datasheet HTML 4Page - Texas Instruments SN54LVT16245B_08 Datasheet HTML 5Page - Texas Instruments SN54LVT16245B_08 Datasheet HTML 6Page - Texas Instruments SN54LVT16245B_08 Datasheet HTML 7Page - Texas Instruments SN54LVT16245B_08 Datasheet HTML 8Page - Texas Instruments SN54LVT16245B_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
GQL OR ZQL PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3 4
6
5
K
GRD OR ZRD PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3
4
6
5
SN54LVT16245B
,, SN74LVT16245B
3.3-V ABT 16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS715E – FEBRUARY 2000 – REVISED NOVEMBER 2006
The 'LVT16245B devices are 16-bit (dual-octal) noninverting 3-state transceivers designed for low-voltage
(3.3-V) VCC operation, but with the capability to provide a TTL interface to a 5-V system environment.
These devices are designed for asynchronous communication between two data buses. The logic levels of the
direction-control (DIR) input and the output-enable (OE) input activate either the B-port outputs or the A-port
outputs or place both output ports into the high-impedance mode. The device transmits data from the A bus to
the B bus when the B-port outputs are activated, and from the B bus to the A bus when the A-port outputs are
activated. The input circuitry on both A and B ports is always active and must have a logic HIGH or LOW level
applied to prevent excess ICC and ICCZ.
When VCC is between 0 and 1.5 V, the devices are in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 1.5 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
These devices are fully specified for hot-insertion applications using Ioff and power-up 3-state. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the devices when they are powered down.
The power-up 3-state circuitry places the outputs in the high-impedance state during power up and power down,
which prevents driver conflict.
TERMINAL ASSIGNMENTS(1)
(56-Ball GQL/ZQL Package)
1
2
3
4
5
6
A
1DIR
NC
NC
NC
NC
1OE
B
1B2
1B1
GND
GND
1A1
1A2
C
1B4
1B3
VCC
VCC
1A3
1A4
D
1B6
1B5
GND
GND
1A5
1A6
E
1B8
1B7
1A7
1A8
F
2B1
2B2
2A2
2A1
G
2B3
2B4
GND
GND
2A4
2A3
H
2B5
2B6
VCC
VCC
2A6
2A5
J
2B7
2B8
GND
GND
2A8
2A7
K
2DIR
NC
NC
NC
NC
2OE
(1)
NC – No internal connection
TERMINAL ASSIGNMENTS(1)
(54-Ball GRD/ZRD Package)
1
2
3
4
5
6
A
1B1
NC
1DIR
1OE
NC
1A1
B
1B3
1B2
NC
NC
1A2
1A3
C
1B5
1B4
VCC
VCC
1A4
1A5
D
1B7
1B6
GND
GND
1A6
1A7
E
2B1
1B8
GND
GND
1A8
2A1
F
2B3
2B2
GND
GND
2A2
2A3
G
2B5
2B4
VCC
VCC
2A4
2A5
H
2B7
2B6
NC
NC
2A6
2A7
J
2B8
NC
2DIR
2OE
NC
2A8
(1)
NC – No internal connection
2
Submit Documentation Feedback


Similar Part No. - SN54LVT16245B_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT16245B TI-SN54LVT16245B_07 Datasheet
603Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16245B TI-SN54LVT16245B_09 Datasheet
641Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54LVT16245B_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16245A TI-SN54LVTH16245A_09 Datasheet
660Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_08 Datasheet
653Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16646 TI-SN54LVT16646 Datasheet
177Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI1-SN54LVTH16245A_14 Datasheet
1Mb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_06 Datasheet
487Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVH162245 TI-SN54LVH162245 Datasheet
115Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH162245 TI-SN54LVTH162245 Datasheet
467Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A_08 Datasheet
610Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com