Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2232 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2232
Description  MIXED SIGNAL MICROCONTROLLER
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2232 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F2232 Datasheet HTML 6Page - Texas Instruments MSP430F2232 Datasheet HTML 7Page - Texas Instruments MSP430F2232 Datasheet HTML 8Page - Texas Instruments MSP430F2232 Datasheet HTML 9Page - Texas Instruments MSP430F2232 Datasheet HTML 10Page - Texas Instruments MSP430F2232 Datasheet HTML 11Page - Texas Instruments MSP430F2232 Datasheet HTML 12Page - Texas Instruments MSP430F2232 Datasheet HTML 13Page - Texas Instruments MSP430F2232 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
MSP430x22x2, MSP430x22x4
MIXED SIGNAL MICROCONTROLLER
SLAS504B -- JULY 2006 -- REVISED JULY 2007
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions, MSP430x22x4 (Continued)
TERMINAL
NAME
DA
RHA
I/O
DESCRIPTION
NAME
NO.
NO.
I/O
DESCRIPTION
P3.5/
UCA0RXD/UCA0SOMI
26
24
I/O
General-purpose digital I/O pin
USCI_A0 receive data input in UART mode, slave out/master in in SPI mode
P3.6/A6/OA0I2
27
25
I/O
General-purpose digital I/O pin
ADC10 analog input A6 / OA0 analog input I2
P3.7/A7/OA1I2
28
26
I/O
General-purpose digital I/O pin
ADC10 analog input A7 / OA1 analog input I2
P4.0/TB0
17
15
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI0A input, compare: OUT0 output
P4.1/TB1
18
16
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI1A input, compare: OUT1 output
P4.2/TB2
19
17
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI2A input, compare: OUT2 output
P4.3/TB0/
A12/OA0O
20
18
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI0B input, compare: OUT0 output
ADC10 analog input A12 / OA0 analog output
P4.4/TB1
A13/OA1O
21
19
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI1B input, compare: OUT1 output
ADC10 analog input A13 / OA1 analog output
P4.5/TB2
A14/OA0I3
22
20
I/O
General-purpose digital I/O pin
Timer_B, compare: OUT2 output
ADC10 analog input A14 / OA0 analog input I3
P4.6/TBOUTH
A15/OA1I3
23
21
I/O
General-purpose digital I/O pin
Timer_B, switch all TB0 to TB3 outputs to high impedance
ADC10 analog input A15 / OA1 analog input I3
P4.7/TBCLK
24
22
I/O
General-purpose digital I/O pin
Timer_B, clock signal TBCLK input
RST/NMI/SBWTDIO
7
5
I
Reset or nonmaskable interrupt input
Spy-Bi-Wire test data input/output during programming and test
TEST/SBWTCK
1
37
I
Selects test mode for JTAG pins on Port1. The device protection fuse is
connected to TEST.
Spy-Bi-Wire test clock input during programming and test
DVCC
2
38, 39
Digital supply voltage
AVCC
16
14
Analog supply voltage
DVSS
4
1, 4
Digital ground reference
AVSS
15
13
Analog ground reference
QFN Pad
NA
Package
Pad
NA
QFN package pad connection to DVSS recommended.
TDO or TDI is selected via JTAG instruction.
NOTE: If XOUT/P2.7/CA7 is used as an input, excess current will flow until P2SEL.7 is cleared. This is due to the oscillator output driver connection
to this pad after reset.


Similar Part No. - MSP430F2232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2232 TI1-MSP430F2232 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2232-Q1 TI1-MSP430F2232-Q1 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2232IDA TI-MSP430F2232IDA Datasheet
1Mb / 85P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2232IDA TI-MSP430F2232IDA Datasheet
1Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2232IDA TI-MSP430F2232IDA Datasheet
1Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com