Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2134 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2134
Description  High Performance AUDIO OPERATIONAL AMPLIFIERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2134 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA2134 Datasheet HTML 4Page - Burr-Brown (TI) OPA2134 Datasheet HTML 5Page - Burr-Brown (TI) OPA2134 Datasheet HTML 6Page - Burr-Brown (TI) OPA2134 Datasheet HTML 7Page - Burr-Brown (TI) OPA2134 Datasheet HTML 8Page - Burr-Brown (TI) OPA2134 Datasheet HTML 9Page - Burr-Brown (TI) OPA2134 Datasheet HTML 10Page - Burr-Brown (TI) OPA2134 Datasheet HTML 11Page - Burr-Brown (TI) OPA2134 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
®
OPA134/2134/4134
APPLICATIONS INFORMATION
OPA134 series op amps are unity-gain stable and suitable
for a wide range of audio and general-purpose applications.
All circuitry is completely independent in the dual version,
assuring normal behavior when one amplifier in a package
is overdriven or short-circuited. Power supply pins should
be bypassed with 10nF ceramic capacitors or larger to
minimize power supply noise.
OPERATING VOLTAGE
OPA134 series op amps operate with power supplies from
±2.5V to ±18V with excellent performance. Although
specifications are production tested with
±15V supplies,
most behavior remains unchanged throughout the full
operating voltage range. Parameters which vary signifi-
cantly with operating voltage are shown in the typical
performance curves.
OFFSET VOLTAGE TRIM
Offset voltage of OPA134 series amplifiers is laser trimmed
and usually requires no user adjustment. The OPA134
(single op amp version) provides offset trim connections
on pins 1 and 8, identical to 5534 amplifiers. Offset
voltage can be adjusted by connecting a potentiometer as
shown in Figure 1. This adjustment should be used only to
null the offset of the op amp, not to adjust system offset or
offset produced by the signal source. Nulling offset could
change the offset voltage drift behavior of the op amp.
While it is not possible to predict the exact change in drift,
the effect is usually small.
TOTAL HARMONIC DISTORTION
OPA134 series op amps have excellent distortion character-
istics. THD+Noise is below 0.0004% throughout the audio
frequency range, 20Hz to 20kHz, with a 2k
Ω load. In
addition, distortion remains relatively flat through its
wide output voltage swing range, providing increased head-
room compared to other audio amplifiers, including the
OP176/275.
FIGURE 1. OPA134 Offset Voltage Trim Circuit.
V+
V–
100k
OPA134 single op amp only.
Use offset adjust pins only to null
offset voltage of op amp—see text.
Trim Range: ±4mV typ
OPA134
6
7
8
4
3
2
1
10nF
10nF
In many ways headroom is a subjective measurement. It can
be thought of as the maximum output amplitude allowed
while still maintaining a very low level of distortion. In an
attempt to quantify headroom, we have defined “very low
distortion” as 0.01%. Headroom is expressed as a ratio
which compares the maximum allowable output voltage
level to a standard output level (1mW into 600
Ω, or
0.7746Vrms). Therefore, OPA134 series op amps, which
have a maximum allowable output voltage level of 11.7Vrms
(THD+Noise < 0.01%), have a headroom specification of
23.6dBu. See the typical curve “Headroom - Total Harmonic
Distortion + Noise vs Output Amplitude.”
DISTORTION MEASUREMENTS
The distortion produced by OPA134 series op amps is below
the measurement limit of all known commercially available
equipment. However, a special test circuit can be used to
extend the measurement capabilities.
Op amp distortion can be considered an internal error source
which can be referred to the input. Figure 2 shows a
circuit which causes the op amp distortion to be 101 times
greater than normally produced by the op amp. The addition
of R3 to the otherwise standard non-inverting amplifier
FIGURE 2. Distortion Test Circuit.
R
2
OPA134
R
1
Signal Gain = 1+
Distortion Gain = 1+
R
3
V
O = 3Vrms
Generator
Output
Analyzer
Input
Audio Precision
System One
Analyzer(1)
R
L
1k
IBM PC
or
Compatible
SIG.
GAIN
DIST.
GAIN
R
1
R
2
R
3
100
10
1k
1k
1k
10
11
1
11
101
101
101
101
NOTE: (1) Measurement BW = 80kHz
R
2
R
1
R
2
R
1 II R3


Similar Part No. - OPA2134

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2134 BURR-BROWN-OPA2134 Datasheet
327Kb / 9P
   High Performance AUDIO OPERATIONAL AMPLIFIERS TM
OPA2134 BURR-BROWN-OPA2134 Datasheet
307Kb / 12P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA2134 BURR-BROWN-OPA2134 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2134 TI1-OPA2134 Datasheet
1Mb / 20P
[Old version datasheet]   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA2134 TI1-OPA2134 Datasheet
415Kb / 22P
[Old version datasheet]   High Performance Audio Operational Amplifiers
More results

Similar Description - OPA2134

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2134UA2K5 TI1-OPA2134UA2K5 Datasheet
1Mb / 20P
[Old version datasheet]   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 TI1-OPA134 Datasheet
415Kb / 22P
[Old version datasheet]   High Performance Audio Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_07 Datasheet
307Kb / 12P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134 Datasheet
327Kb / 9P
   High Performance AUDIO OPERATIONAL AMPLIFIERS TM
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com