Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6323 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6323
Description  Hybrid SVI/PVI
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6323 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6323 Datasheet HTML 3Page - Intersil Corporation ISL6323 Datasheet HTML 4Page - Intersil Corporation ISL6323 Datasheet HTML 5Page - Intersil Corporation ISL6323 Datasheet HTML 6Page - Intersil Corporation ISL6323 Datasheet HTML 7Page - Intersil Corporation ISL6323 Datasheet HTML 8Page - Intersil Corporation ISL6323 Datasheet HTML 9Page - Intersil Corporation ISL6323 Datasheet HTML 10Page - Intersil Corporation ISL6323 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
FN9278.2
April 7, 2008
REFERENCE AND DAC
System Accuracy (VDAC > 1.000V)
-0.6
0.6
%
System Accuracy (0.600V < VDAC < 1.000V)
-1.0
1.0
%
System Accuracy (VDAC < 0.600V)
-2.0
2.0
%
DVC Voltage Gain
VDAC = 1V
2.0
V
APA Current Tolerance
VAPA = 1V
90
100
108
µA
ERROR AMPLIFIER
DC Gain
RL = 10k to ground, (Note 3)
96
dB
Gain-Bandwidth Product (Note 3)
CL = 100pF, RL = 10k to ground, (Note 3)
20
MHz
Slew Rate (Note 3)
CL = 100pF, Load = ±400µA, (Note 3)
8
V/µs
Maximum Output Voltage
Load = 1mA
3.80
4.20
V
Minimum Output Voltage
Load = -1mA
1.3
1.6
V
SOFT-START RAMP
Soft-Start Ramp Rate
2.2
3.0
4.0
mV/µs
PWM OUTPUTS
PWM Output Voltage LOW Threshold
ILOAD = ±500µA
0.5
V
PWM Output Voltage HIGH Threshold
ILOAD = ±500µA
4.5
V
CURRENT SENSING - CORE CONTROLLER
Current Sense Resistance, RISEN (Internal)
(Note 3)
TA = +25°C
2400
Ω
Average Sensed and Droop Current Tolerance
ISEN1+ = ISEN2+ = ISEN3+ = ISEN4+ = 77µA
68
77
87
µA
CURRENT SENSING - NB CONTROLLER
Current Sense Resistance, RISEN_NB (Internal)
(Note 3)
TA = +25°C
2400
Ω
Sensed Current Tolerance
ISEN_NB = 80µA
80
µA
OVERCURRENT PROTECTION
Overcurrent Trip Level - Average Channel
Normal Operation
83
100
111
µA
Dynamic VID Change (Note 3)
130
µA
Overcurrent Trip Level - Individual Channel
Normal Operation
142
µA
Dynamic VID Change (Note 3)
190
µA
POWER GOOD
Overvoltage Threshold
VSEN Rising (Core and North Bridge)
VDAC
+225mV
VDAC +
250mV
VDAC +
275mV
V
Undervoltage Threshold
VSEN Falling (Core)
VDAC -
325mV
VDAC -
300mV
VDAC -
275mV
mV
VSEN Falling (North Bridge)
VDAC -
310mV
VDAC -
275mV
VDAC -
245mV
mV
Power Good Hysteresis
50
mV
OVERVOLTAGE PROTECTION
OVP Trip Level
1.73
1.80
1.84
V
OVP Lower Gate Release Threshold
350
400
mV
SWITCHING TIME (Note 3) [See “Timing Diagram” on page 8]
UGATE Rise Time
tRUGATE; VPVCC = 12V, 3nF Load, 10% to 90%
26
ns
Electrical Specifications
Recommended Operating Conditions (0°C to +70°C), Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6323
ISL6323


Similar Part No. - ISL6323

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6323 RENESAS-ISL6323 Datasheet
1Mb / 36P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
logo
Intersil Corporation
ISL6323A INTERSIL-ISL6323A Datasheet
840Kb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
logo
Renesas Technology Corp
ISL6323A RENESAS-ISL6323A Datasheet
1Mb / 37P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
logo
Intersil Corporation
ISL6323ACRZ INTERSIL-ISL6323ACRZ Datasheet
840Kb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
logo
Renesas Technology Corp
ISL6323ACRZ RENESAS-ISL6323ACRZ Datasheet
1Mb / 37P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
More results

Similar Description - ISL6323

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6324 RENESAS-ISL6324 Datasheet
1Mb / 38P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
ISL6324A RENESAS-ISL6324A Datasheet
1Mb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
May 14, 2010
ISL6323 RENESAS-ISL6323 Datasheet
1Mb / 36P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6323B RENESAS-ISL6323B Datasheet
1Mb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
logo
Intersil Corporation
ISL6324A INTERSIL-ISL6324A Datasheet
870Kb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6323A INTERSIL-ISL6323A Datasheet
840Kb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6323B INTERSIL-ISL6323B Datasheet
842Kb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6324A INTERSIL-ISL6324A Datasheet
1Mb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
logo
Renesas Technology Corp
ISL6323A RENESAS-ISL6323A Datasheet
1Mb / 37P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
ISL6329 RENESAS-ISL6329 Datasheet
1Mb / 38P
   Dual PWM Controller Powering AMD SVI Split-Plane Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com