Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL3522 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IL3522
Description  Isolated RS485/RS422 Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IL3522 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IL3522 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL3522 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL3522 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL3522 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL3522 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL3522 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL3522 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL3522 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL3522 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IL3522
4
Distributed by: Rhopoint Components www.rhopointcomponents.com email: sales@rhopointcomponents.com
Driver Section
Electrical Specifications are Tmin to Tmax and VDD = 4.5 V to 5.5 V, unless otherwise stated.
Parameters
Symbol
Min.
Typ.
(5)
Max.
Units
Test Conditions
Input Clamp Voltage
V
IK
−1.5
V
I
L = −18 mA
Output voltage
V
O
V
DD
V
I
O = 0
Differential Output Voltage
(12)
|V
OD
1|
V
DD
V
I
O = 0
Differential Output Voltage
(12)
|V
OD
2|
2.5
3
5
V
R
L = 54 Ω, VDD = 5 V
Differential Output Voltage
(12, 6)
V
OD
3
2.3
5
V
R
L = 54 Ω, VDD = 4.5 V
Change in Magnitude of Differential
Output Voltage
(7)
Δ|V
OD|
±0.2
V
R
L = 54 Ω or 100 Ω
Common Mode Output Voltage
V
OC
3
V
R
L = 54 Ω or 100 Ω
Change in Magnitude of Common
Mode Output Voltage
(7)
Δ|V
OC|
±0.2
V
R
L = 54 Ω or 100 Ω
Output Current
(4)
I
O
1
−0.8
mA
Output Disabled,
V
O = 12
V
O = −7
High Level Input Current
I
IH
10
μA
VI = 3.5 V
Low Level Input Current
I
IL
−10
μA
VI = 0.4 V
Absolute |Short-circuit Output Current|
I
OS
250
mA
−7 V > V
O < 12 V
Supply Current
V
DD
1 = +5 V
V
DD
1 = +3.3 V
I
DD
1
I
DD
1
4
3
6
4
mA
No Load
(Outputs Enabled)
Notes (apply to both driver and receiver sections):
1.
All Voltage values are with respect to network ground except differential I/O bus voltages.
2.
Differential input voltage is measured at the noninverting terminal A with respect to the inverting terminal B.
3.
Skew limit is the maximum propagation delay difference between any two devices at 25°C.
4.
The power-off measurement in ANSI Standard EIA/TIA-422-B applies to disabled outputs only and is not applied to combined inputs and
outputs.
5.
All typical values are at V
DD
1,VDD2 = 5 V or VDD1= 3.3 V and TA = 25°C.
6.
−7 V < V
CM < 12 V; 4.5 V < VDD < 5.5 V.
7.
Δ|V
OD| and Δ|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from one logic state to
the other.
8.
This applies for both power on and power off, refer to ANSI standard RS-485 for exact condition. The EIA/TIA-422-B limit does not apply
for a combined driver and receiver terminal.
9.
Includes 10 ns read enable time. Maximum propagation delay is 25 ns after read assertion.
10. Pulse skew is defined as |t
PLH – tPHL| of each channel.
11. Absolute Maximum specifications mean the device will not be damaged if operated under these conditions. It does not guarantee
performance.
12. Differential output voltage is measured at terminal Y with respect to Z.


Similar Part No. - IL3522

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL352 VISHAY-IL352 Datasheet
128Kb / 7P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results

Similar Description - IL3522

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
   Isolated 3Volt RS422/RS485 Interface
logo
Linear Technology
LTM2881 LINER-LTM2881_12 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
   Isolated RS485/RS422 關Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
logo
Linear Technology
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
   Complete Isolated RS485/RS422 Module Transceiver Power
logo
Beckhoff Automation Gmb...
CX2500-0031 BECKHOFF-CX2500-0031 Datasheet
77Kb / 1P
   Serial Interface RS485/RS422 for CX20xx, CX52xx
logo
Linear Technology
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
List of Unclassifed Man...
IL485-3V ETC-IL485-3V Datasheet
348Kb / 8P
   Isolated RS485-3V Interface
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
   Complete Isolated RS485/RS422 關Module Transceiver Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com