Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F21X2 Datasheet(PDF) 6 Page - Texas Instruments

Part # MSP430F21X2
Description  MIXED SIGNAL MICROCONTROLLER
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F21X2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430F21X2 Datasheet HTML 2Page - Texas Instruments MSP430F21X2 Datasheet HTML 3Page - Texas Instruments MSP430F21X2 Datasheet HTML 4Page - Texas Instruments MSP430F21X2 Datasheet HTML 5Page - Texas Instruments MSP430F21X2 Datasheet HTML 6Page - Texas Instruments MSP430F21X2 Datasheet HTML 7Page - Texas Instruments MSP430F21X2 Datasheet HTML 8Page - Texas Instruments MSP430F21X2 Datasheet HTML 9Page - Texas Instruments MSP430F21X2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
MSP430F21x2
MIXED SIGNAL MICROCONTROLLER
SLAS578A -- NOVEMBER 2007 -- REVISED APRIL 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
28-Pin
PW
32-Pin
RHB
I/O
DESCRIPTION
XIN/P2.6/CA6
6
3
I/O
Input terminal of crystal oscillator
General-purpose digital I/O pin
Comparator_A+ input
XOUT/P2.7/CA7
5
2
I/O
Output terminal of crystal oscillator
General-purpose digital I/O pin
Comparator_A+ input
P3.0/UCB0STE/
UCA0CLK/A5
11
9
I/O
General-purpose digital I/O pin
USCI_B0 slave transmit enable/USCI_A0 clock input/output
ADC10 analog input A5
P3.1/UCB0SIMO/
UCB0SDA
12
10
I/O
General-purpose digital I/O pin
USCI_B0 slave in/master out in SPI mode, SDA I2CdatainI2C mode
P3.2/UCB0SOMI/
UCB0SCL
13
11
I/O
General-purpose digital I/O pin
USCI_B0 slave out/master in in SPI mode, SCL I2C clock in I2C mode
P3.3/UCB0CLK/
UCA0STE
14
12
I/O
General-purpose digital I/O
USCI_B0 clock input/output, USCI_A0 slave transmit enable
P3.4/UCA0TXD/
UCA0SIMO
15
13
I/O
General-purpose digital I/O pin
USCI_A0 transmit data output in UART mode, slave data in/master out in SPI mode
P3.5/UCA0RXD/
UCA0SOMI
16
14
I/O
General-purpose digital I/O pin
USCI_A0 receive data input in UART mode, slave data out/master in in SPI mode
P3.6/TA0_1/A6
17
15
I/O
General-purpose digital I/O pin
Timer1_A2, capture: CCI0B input, compare: Out0_1 Output
ADC10 analog input A6
P3.7/TA1_1/A7
18
16
I/O
General-purpose digital I/O pin
Timer1_A2, capture: CCI1A input, compare: Out1_1 Output
ADC10 analog input A7
RST/NMI/SBWTDIO
7
5
I
Reset or nonmaskable interrupt input
Spy--bi--Wire test data input/output during programming and test
TEST/SBWTCK
1
29
I
Selects test mode for JTAG pins on Port1. The device protection fuse is connected to TEST.
P2.5/ROSC/CA5
3
32
I/O
General-purpose digital I/O pin
Input for external resistor defining the DCO nominal frequency
Comparator_A+ input
DVCC
2
30
Digital supply voltage
DVSS
4
1
Digital supply voltage
NC
NA
4, 17,
20, 31
Not connected internally. Recommended connection to VSS.


Similar Part No. - MSP430F21X2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F21X2 TI-MSP430F21X2 Datasheet
415Kb / 22P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F21X2 TI-MSP430F21X2 Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F21X2 TI1-MSP430F21X2 Datasheet
1Mb / 80P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F21X2 TI-MSP430F21X2_11 Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F21X2 TI1-MSP430F21X2_17 Datasheet
1Mb / 80P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F21X2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com