Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6720GTR Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6720GTR
Description  3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6720GTR Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6720GTR Datasheet HTML 1Page - MOSA ELECTRONICS MS6720GTR Datasheet HTML 2Page - MOSA ELECTRONICS MS6720GTR Datasheet HTML 3Page - MOSA ELECTRONICS MS6720GTR Datasheet HTML 4Page - MOSA ELECTRONICS MS6720GTR Datasheet HTML 5Page - MOSA ELECTRONICS MS6720GTR Datasheet HTML 6Page - MOSA ELECTRONICS MS6720GTR Datasheet HTML 7Page - MOSA ELECTRONICS MS6720GTR Datasheet HTML 8Page - MOSA ELECTRONICS MS6720GTR Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOSA
MS6720
3 Stereo Inputs / 4-Channel Outputs Audio Processor
REV1.0
1
www.mosanalog.com
3 Stereo Inputs and 4-Channel Outputs
Volume, Balance, Fader and Selectable Input
Gain
FEATURES
•Operation range : 2.7V~5V
•3 stereo inputs with selectable input gain
•4 independent speaker controls for fader and balance
•Independent mute function
•Volume control in 1.25 dB/step
•I
2C interface
•Components less and good PSRR
•Housed in SOP20, SSOP20 packages
APPLICATIONS
•Portable audio device
•Car stereo audio
•Hi-Fi audio system
•Cross-reference:
PT2313L-20
DESCRIPTION
The MS6720 is a 3 stereo inputs/4-channel outputs digital control audio processor for the low voltage operation.
Volume, balance (left/right), and fader (front/rear) processor are incorporated into a single chip. The MS6720 also has
selectable input gain. All functions are programmable via the serial I
2C bus. The default states of the chip as the power
is on are: the volume is -78.75dB, the stereo 4 is selected, all the speakers are mute and the gains of the input stage are
0dB. The stereo 4 is connected internally, but not available on pins.
BLOCK DIAGRAM
RIN2
RIN1
Volume
Volume
LIN1
LIN2
LIN3
RIN3
REF
Input
Selector
&Gain
Control
ROUT
RIN
LOUT
LIN
1
5
6
4
9
10
11
7
8
12
13
Supply
AVDD AGND
2
3
Mute
OUT_LF
OUT_LR
OUT_RF
OUT_RR
17
14
15
16
SCL
SDA
DGND
18
19
20
Mute
Speaker
ATT
Mute
Speaker
ATT
Speaker
ATT
Mute
Speaker
ATT
Serial Bus Decoder and Latches


Similar Part No. - MS6720GTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6720L MOSA-MS6720L Datasheet
578Kb / 12P
   Low Cost 3 Stereo Inputs and 4-Channel Outputs
MS6720SSLTR MOSA-MS6720SSLTR Datasheet
578Kb / 12P
   Low Cost 3 Stereo Inputs and 4-Channel Outputs
MS6720SSLU MOSA-MS6720SSLU Datasheet
578Kb / 12P
   Low Cost 3 Stereo Inputs and 4-Channel Outputs
More results

Similar Description - MS6720GTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6713 MOSA-MS6713_1 Datasheet
608Kb / 18P
   3 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6712 MOSA-MS6712 Datasheet
523Kb / 17P
   4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6712 MOSA-MS6712_1 Datasheet
526Kb / 17P
   4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6713 MOSA-MS6713 Datasheet
422Kb / 15P
   3 Stereo Inputs and 4 Channels Output Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
   4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6714 MOSA-MS6714 Datasheet
419Kb / 15P
   4 Stereo Inputs and 2 Channels Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6713L MOSA-MS6713L Datasheet
669Kb / 14P
   Low Cost 3 Stereo Inputs and 4-Channel Outputs
MS6720L MOSA-MS6720L Datasheet
578Kb / 12P
   Low Cost 3 Stereo Inputs and 4-Channel Outputs
logo
National Semiconductor ...
LMC1982 NSC-LMC1982 Datasheet
348Kb / 14P
   Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
LMC1983 NSC-LMC1983 Datasheet
331Kb / 14P
   Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com