Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6626 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6626
Description  Single/Dual Ultra Low Noise Wideband Operational Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6626 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6626 Datasheet HTML 1Page - National Semiconductor (TI) LMH6626 Datasheet HTML 2Page - National Semiconductor (TI) LMH6626 Datasheet HTML 3Page - National Semiconductor (TI) LMH6626 Datasheet HTML 4Page - National Semiconductor (TI) LMH6626 Datasheet HTML 5Page - National Semiconductor (TI) LMH6626 Datasheet HTML 6Page - National Semiconductor (TI) LMH6626 Datasheet HTML 7Page - National Semiconductor (TI) LMH6626 Datasheet HTML 8Page - National Semiconductor (TI) LMH6626 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
±6V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed at T
A = 25˚C, V
+ = 6V, V= −6V, V
CM = 0V, AV = +20, RF = 500
Ω,R
L =
100
Ω. Boldface limits apply at the temperature extremes. See (Note 12).
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
t
f
Fall Time
V
O = 400mV Step, 10% to 90%
3.7
ns
t
s
Settling Time 0.1%
V
O =2VPP (Step)
18
ns
Distortion and Noise Response
e
n
Input Referred Voltage Noise
f = 1MHz (LMH6624)
0.92
nV/
f = 1MHz (LMH6626)
1.0
i
n
Input Referred Current Noise
f = 1MHz (LMH6624)
2.3
pA/
f = 1MHz (LMH6626)
1.8
HD2
2
nd Harmonic Distortion
f
C = 10MHz, VO =1VPP,RL 100
−63
dBc
HD3
3
rd Harmonic Distortion
f
C = 10MHz, VO =1VPP,RL 100
−80
dBc
Input Characteristics
V
OS
Input Offset Voltage
V
CM = 0V
−0.5
−0.7
±0.10
+0.5
+0.7
mV
Average Drift (Note 7)
V
CM =0V
±0.2
µV/˚C
I
OS
Input Offset Current Average
Drift (Note 7)
(LMH6624)
V
CM =0V
−1.1
−2.5
0.05
1.1
2.5
µA
(LMH6626)
V
CM =0V
−2.0
−2.5
0.1
2.0
2.5
V
CM = 0V
0.7
nA/˚C
I
B
Input Bias Current
V
CM = 0V
13
+20
+25
µA
Average Drift (Note 7)
V
CM = 0V
12
nA/˚C
R
IN
Input Resistance (Note 10)
Common Mode
6.6
M
Differential Mode
4.6
k
C
IN
Input Capacitance (Note 10)
Common Mode
0.9
pF
Differential Mode
2.0
CMRR
Common Mode Rejection
Ratio
Input Referred,
dB
V
CM = −4.5 to +5.25V
V
CM = −4.5 to +5.0V
90
87
95
Transfer Characteristics
A
VOL
Large Signal Voltage Gain
(LMH6624)
R
L = 100
Ω,V
O = −3V to +3V
77
72
81
dB
(LMH6626)
R
L = 100
Ω,V
O = −3V to +3V
74
70
80
X
t
Crosstalk Rejection
f = 1MHz (LMH6626)
−75
dB
Output Characteristics
V
O
Output Swing
(LMH6624)
R
L = 100
±4.4
±4.3
±4.9
V
(LMH6624)
No Load
±4.8
±4.65
±5.2
(LMH6626)
R
L = 100
±4.3
±4.2
±4.8
(LMH6626)
No Load
±4.8
±4.65
±5.2
R
O
Output Impedance
f
≤ 100KHz
10
m
www.national.com
4


Similar Part No. - LMH6626

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6626 TI1-LMH6626 Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
National Semiconductor ...
LMH6626MA NSC-LMH6626MA Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
LMH6626MA TI-LMH6626MA Datasheet
1Mb / 31P
[Old version datasheet]   LMH6624/LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6626MA/NOPB TI1-LMH6626MA/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
National Semiconductor ...
LMH6626MAX NSC-LMH6626MAX Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results

Similar Description - LMH6626

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6624 NSC-LMH6624 Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6624-MIL TI1-LMH6624-MIL Datasheet
1Mb / 29P
[Old version datasheet]   Single Ultra-Low-Noise Wideband Operational Amplifier
LMH6624MF TI-LMH6624MF Datasheet
1Mb / 31P
[Old version datasheet]   LMH6624/LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
LMH6624 TI1-LMH6624_16 Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
   Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
logo
Texas Instruments
OPA2822UG4 TI-OPA2822UG4 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
logo
NEC
UPC4574 NEC-UPC4574 Datasheet
300Kb / 10P
   QUAD ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com