Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M59MR032C Datasheet(PDF) 1 Page - STMicroelectronics

Part # M59MR032C
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032C Datasheet(HTML) 1 Page - STMicroelectronics

  M59MR032C Datasheet HTML 1Page - STMicroelectronics M59MR032C Datasheet HTML 2Page - STMicroelectronics M59MR032C Datasheet HTML 3Page - STMicroelectronics M59MR032C Datasheet HTML 4Page - STMicroelectronics M59MR032C Datasheet HTML 5Page - STMicroelectronics M59MR032C Datasheet HTML 6Page - STMicroelectronics M59MR032C Datasheet HTML 7Page - STMicroelectronics M59MR032C Datasheet HTML 8Page - STMicroelectronics M59MR032C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1/49
April 2001
M59MR032C
M59MR032D
32 Mbit (2Mb x16, Mux I/O, Dual Bank, Burst)
1.8V Supply Flash Memory
s
SUPPLY VOLTAGE
–VDD = VDDQ = 1.65V to 2.0V for Program,
Erase and Read
–VPP = 12V for fast Program (optional)
s
MULTIPLEXED ADDRESS/DATA
s
SYNCHRONOUS / ASYNCHRONOUS READ
– Configurable Burst mode Read
– Page mode Read (4 Words Page)
– Random Access: 100ns
s
PROGRAMMING TIME
– 10µs by Word typical
– Double Word Programming Option
s
MEMORY BLOCKS
– Dual Bank Memory Array: 8 Mbit - 24 Mbit
– Parameter Blocks (Top or Bottom location)
s
DUAL BANK OPERATIONS
– Read within one Bank while Program or
Erase within the other
– No delay between Read and Write operations
s
BLOCK PROTECTION/UNPROTECTION
– All Blocks protected at Power-up
– Any combination of Blocks can be protected
s
COMMON FLASH INTERFACE (CFI)
s
64 bit SECURITY CODE
s
ERASE SUSPEND and RESUME MODES
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Top Device Code, M59MR032C: A4h
– Bottom Device Code, M59MR032D: A5h
BGA
µBGA
LFBGA54 (ZC)
10 x 4 ball array
µBGA46 (GC)
10 x 4 ball array
Figure 1. Logic Diagram
AI90109
5
A16-A20
W
ADQ0-ADQ15
VDD
M59MR032C
M59MR032D
E
VSS
16
G
RP
WP
VDDQ VPP
L
K
WAIT
BINV


Similar Part No. - M59MR032C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
M5913B1 STMICROELECTRONICS-M5913B1 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Shenzhen Huazhimei Semi...
M5918B HMSEMI-M5918B Datasheet
941Kb / 12P
   1.2A charging 1 A discharging Highly integrated mobile power SOC
logo
Renesas Technology Corp
M59330P RENESAS-M59330P Datasheet
219Kb / 11P
   LAN Transceiver
M59350FP RENESAS-M59350FP Datasheet
111Kb / 9P
   Watchdog Timer IC with Built-in 5 V Constant-Voltage Power Supply
More results

Similar Description - M59MR032C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58MR016C STMICROELECTRONICS-M58MR016C Datasheet
389Kb / 51P
   16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58MR064C STMICROELECTRONICS-M58MR064C Datasheet
399Kb / 52P
   64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58CR032C STMICROELECTRONICS-M58CR032C Datasheet
435Kb / 63P
   32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
7782 STMICROELECTRONICS-7782 Datasheet
435Kb / 63P
   32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
logo
Numonyx B.V
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
   32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
M59DR032EA STMICROELECTRONICS-M59DR032EA Datasheet
386Kb / 43P
   32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com