Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1-2556-9 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HA1-2556-9
Description  57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA1-2556-9 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HA1-2556-9 Datasheet HTML 5Page - Intersil Corporation HA1-2556-9 Datasheet HTML 6Page - Intersil Corporation HA1-2556-9 Datasheet HTML 7Page - Intersil Corporation HA1-2556-9 Datasheet HTML 8Page - Intersil Corporation HA1-2556-9 Datasheet HTML 9Page - Intersil Corporation HA1-2556-9 Datasheet HTML 10Page - Intersil Corporation HA1-2556-9 Datasheet HTML 11Page - Intersil Corporation HA1-2556-9 Datasheet HTML 12Page - Intersil Corporation HA1-2556-9 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN2477.6
April 29, 2008
HA-2556. Some other possible multi-operator functions are
shown in Figures 12, 13 and 14.
Of course the HA-2556 is also well suited to standard
multiplier applications such as Automatic Gain Control and
Voltage Controlled Amplifier.
Automatic Gain Control
Figure 15 shows the HA-2556 configured in an Automatic
Gain Control or AGC application. The HA-5127 low noise
amplifier provides the gain control signal to the X input. This
control signal sets the peak output voltage of the multiplier to
match the preset reference level. The feedback network
around the HA-5127 provides a response time adjustment.
High frequency changes in the peak are rejected as noise or
the desired signal to be transmitted. These signals do not
indicate a change in the average peak value and therefore
no gain adjustment is needed. Lower frequency changes in
the peak value are given a gain of -1 for feedback to the
control input. At DC the circuit is an integrator automatically
compensating for Offset and other constant error terms.
This multiplier has the advantage over other AGC circuits, in
that the signal bandwidth is not affected by the control signal
gain adjustment.
Voltage Controlled Amplifier
A wide range of gain adjustment is available with the Voltage
Controlled Amplifier configuration shown in Figure 16. Here
the gain of the HFA0002 can be swept from 20V/V to a gain
of almost 1000V/V with a DC voltage from 0V to 5V.
Wave Shaping Circuits
Wave shaping or curve fitting is another class of application
for the analog multiplier. For example, where a nonlinear
sensor requires corrective curve fitting to improve linearity
the HA-2556 can provide nonintegral powers in the range of
1 to 2 or nonintegral roots in the range of 0.5 to 1.0 (refer to
“References” on page 11). This effect is displayed in
Figure 17.
FIGURE 13. PERCENTAGE DEVIATION
FIGURE 14. DIFFERENCE DIVIDED BY SUM S (For A + B
≥ 0V)
HA-2556
1/5V
X
Y
Z
VX+
VX-
VY+
VY-
VZ+
VZ-
W = 5(A2-B2)
A
B
5k
5k
5k
5k
+
-
+
-
A
+
-
+
-
FIGURE 12. DIFFERENCE OF SQUARES
HA-2556
1/5V
X
Y
VOUT
Z
VX+
VX-
VY+
VY-
VZ+
VZ-
W = 100
B
A
A - B
A
95k
5k
R2
R1
R1 and R2 set scale to 1V/%, other scale factors possible.
For A
≥ 0V.
+
-
+
-
A
+
-
+
-
HA-2556
1/5V
X
Y
VOUT
Z
VX+
VX-
VY+
VY-
VZ+
VZ-
W = 10
B
A
A - B
B + A
5k
5k
+
-
+
-
A
+
-
+
-
FIGURE 15. AUTOMATIC GAIN CONTROL
NC
NC
VY+
V-
VOUT
V+
NC
NC
50
Ω
HA-2556
5k
Ω
10k
Ω
HA-5127
0.01
μF
10k
Ω
0.1
μF
1N914
5.6V
0.1
μF
+15V
20k
Ω
NC
NC
+
-
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Σ
+ -
REF
Y
X
Z
HA-2556


Similar Part No. - HA1-2556-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-2556-9 INTERSIL-HA1-2556-9 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
More results

Similar Description - HA1-2556-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Intersil Corporation
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com