Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA9P2556-9Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA9P2556-9Z
Description  57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P2556-9Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HA9P2556-9Z Datasheet HTML 4Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 5Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 6Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 7Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 8Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 9Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 10Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 11Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN2477.6
April 29, 2008
Each input X, Y and Z have similar wide bandwidth and input
characteristics. This is unlike earlier products where one
input was dedicated to a slow moving control function as is
required for Automatic Gain Control. The HA-2556 is
versatile enough for both.
Although the X and Y inputs have similar AC characteristics,
they are not the same. The designer should consider input
parameters such as small signal bandwidth, AC feedthrough
and 0.1dB gain flatness to get the most performance from
the HA-2556. The Y-Channel is the faster of the two inputs
with a small signal bandwidth of typically 57MHz vs 52MHz
for the X-Channel. Therefore in AM Signal Generation, the
best performance will be obtained with the Carrier applied to
the Y-Channel and the modulation signal (lower frequency)
applied to the X-Channel.
Scale Factor Control
The HA-2556 is able to operate over a wide supply voltage
range ±5V to ±17.5V. The ±5V range is particularly useful in
video applications. At ±5V the input voltage range is reduced
to ±1.4V. The output cannot reach its full scale value with
this restricted input, so it may become necessary to modify
the scale factor. Adjusting the scale factor may also be
useful when the input signal itself is restricted to a small
portion of the full scale level. Here, we can make use of the
high gain output amplifier by adding external gain resistors.
Generating the maximum output possible for a given input
signal will improve the Signal-to-Noise Ratio and Dynamic
Range of the system. For example, let’s assume that the
input signals are 1VPEAK each then, the maximum output for
the HA-2556 will be 200mV. (1V x 1V)/(5V) = 200mV. It
would be nice to have the output at the same full scale as
our input, so let’s add a gain of 5 as shown in Figure 9.
One caveat is that the output bandwidth will also drop by this
factor of 5. The multiplier equation then becomes
Equation 15:
Current Output
Another useful circuit for low voltage applications allows the
user to convert the voltage output of the HA2556 to an output
current. The HA-2557 is a current output version offering
100MHz of bandwidth, but its scale factor is fixed and does not
have an output amplifier for additional scaling. Fortunately, the
circuit in Figure 10 provides an output current that can be
scaled with the value of RCONVERT and provides an output
impedance of typically 1M
Ω. IOUT then becomes Equation 16:
Video Fader
The Video Fader circuit provides a unique function. Here
Channel B is applied to the minus Z input in addition to the
minus Y input. In this way, the function in Figure 11 is
generated. VMIX will control the percentage of Channel A and
Channel B that are mixed together to produce a resulting
video image or other signal.
The Balance equation looks like Equation 17:
Which simplifies to Equation 18:
When VMIX is 0V the equation becomes VOUT = ChB and
ChA is removed, conversely when VMIX is 5V the equation
becomes VOUT = ChA eliminating ChB. For VMIX values 0V
≤ V
MIX ≤ 5V the output is a blend of ChA and ChB.
Other Applications
As previously shown, a function may contain several
different operators at the same time and use only one
HA-2556
1/5V
X
Y
VOUT
Z
VX+
VX-
VY+
VY-
VZ+
VZ-
W
A
B
1k
Ω
250
Ω
RF
RG
ExternalGain
R
F
R
G
--------
1
+
=
+
-
+
-
A
+
-
+
-
FIGURE 9. EXTERNAL GAIN OF 5
W
5AB
5
------------
AB
×
==
(EQ. 15)
I
OUT
AB
×
5
--------------
1
R
CONVERT
--------------------------------
×
=
(EQ. 16)
HA-2556
1/5V
X
Y
VOUT
Z
VX+
VX-
VY+
VY-
VZ+
VZ-
IOUT
A
B
RCONVERT
+
-
+
-
A
+
-
+
-
FIGURE 10. CURRENT OUTPUT
V
MIX
()
ChA
ChB
()
×
5V
OUT
ChB
()
=
(EQ. 17)
V
OUT
ChB
V
MIX
5
-------------- ChA
ChB
()
+
=
(EQ. 18)
NC
NC
VY+
-15V
VOUT
+15V
VX +
NC
NC
50
Ω
NC
NC
VZ-
VZ+
ChA
ChB
VY-
VMIX
(0V TO 5V)
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Σ
+ -
REF
+
-
+
-
+
-
FIGURE 11. VIDEO FADER
HA-2556


Similar Part No. - HA9P2556-9Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
logo
Renesas Technology Corp
HA9P2556-9Z RENESAS-HA9P2556-9Z Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
More results

Similar Description - HA9P2556-9Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Intersil Corporation
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com