Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR15100 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # MUR15100
Description  Ultra Fast Recovery Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

MUR15100 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  MUR15100 Datasheet HTML 1Page - Sirectifier Semiconductors MUR15100 Datasheet HTML 2Page - Sirectifier Semiconductors MUR15100 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MUR15100
ADVANTAGES
* High reliability circuit operation
* Low voltage peaks for reduced
protection circuits
* Low noise switching
* Low losses
* Operating at lower temperature or
space saving by reduced cooling
APPLICATIONS
* Antiparallel diode for high frequency
switching devices
* Antisaturation diode
* Snubber diode
* Free wheeling diode in converters
and motor control circuits
* Rectifiers in switch mode power
supplies (SMPS)
* Inductive heating and melting
* Uninterruptible power supplies (UPS)
* Ultrasonic cleaners and welders
FEATURES
* International standard package
JEDEC TO-220AC
* Planar passivated chips
* Very short recovery time
* Extremely low switching losses
* Low IRM-values
* Soft recovery behaviour
Symbol
Test Conditions
Characteristic Values
typ.
max.
Unit
TVJ=25
oC; VR=VRRM
TVJ=25
oC; VR=0.8.VRRM
TVJ=125
oC; VR=0.8.VRRM
250
150
4
uA
uA
mA
IR
IF=15A; TVJ=150
oC
TVJ=25
oC
2.1
2.7
V
VF
RthJC
RthCK
RthJA
1.6
60
K/W
0.5
VR=540V; IF=15A; -diF/dt=100A/us; L<0.05uH; TVJ=100
oC
trr
IF=1A; -di/dt=50A/us; VR=30V; TVJ=25
oC
ns
IRM
7.2
A
50
VTO
For power-loss calculations only
1.67
V
rT
33.6
m
TVJ=TVJM
60
6.5
_
Ultra Fast Recovery Diodes


Similar Part No. - MUR15100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MUR15100 ETC2-MUR15100 Datasheet
137Kb / 3P
   Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
MUR15100 SIRECT-MUR15100 Datasheet
140Kb / 3P
   Ultra Fast Recovery Diodes
logo
Nanjing International G...
MUR15100 DGNJDZ-MUR15100 Datasheet
137Kb / 3P
   Ultra Fast Recovery Diodes
logo
Sirectifier Semiconduct...
MUR15100 SIRECTIFIER-MUR15100 Datasheet
225Kb / 3P
   Ultra Fast Recovery Diodes
logo
Shenzhen Luguang Electr...
MUR15100 LUGUANG-MUR15100 Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes 15A FRD Pt
Revision:20170701-P1
More results

Similar Description - MUR15100

ManufacturerPart #DatasheetDescription
logo
RFE international
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
   Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
logo
List of Unclassifed Man...
MUR6020PT ETC2-MUR6020PT Datasheet
94Kb / 3P
   Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
MUR1560S SIRECT-MUR1560S Datasheet
130Kb / 3P
   Ultra Fast Recovery Diodes
MUR2960S SIRECT-MUR2960S Datasheet
131Kb / 3P
   Ultra Fast Recovery Diodes
MUR6020PT SIRECT-MUR6020PT Datasheet
98Kb / 3P
   Ultra Fast Recovery Diodes
MUR6080PT SIRECT-MUR6080PT Datasheet
136Kb / 3P
   Ultra Fast Recovery Diodes
MUR60120 SIRECT-MUR60120 Datasheet
85Kb / 3P
   Ultra Fast Recovery Diodes
logo
Guangdong Kexin Industr...
US1AF KEXIN-US1AF Datasheet
1Mb / 3P
   Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
STPR502D SIRECT-STPR502D Datasheet
77Kb / 2P
   Ultra Fast Recovery Diodes
STPR810D SIRECT-STPR810D Datasheet
78Kb / 2P
   Ultra Fast Recovery Diodes
logo
Sirectifier Semiconduct...
STPR1505D SIRECTIFIER-STPR1505D Datasheet
75Kb / 2P
   Ultra Fast Recovery Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com