Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M59BW102 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M59BW102
Description  1 Mbit 64Kb x16, Burst Low Voltage Flash Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59BW102 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M59BW102 Datasheet HTML 7Page - STMicroelectronics M59BW102 Datasheet HTML 8Page - STMicroelectronics M59BW102 Datasheet HTML 9Page - STMicroelectronics M59BW102 Datasheet HTML 10Page - STMicroelectronics M59BW102 Datasheet HTML 11Page - STMicroelectronics M59BW102 Datasheet HTML 12Page - STMicroelectronics M59BW102 Datasheet HTML 13Page - STMicroelectronics M59BW102 Datasheet HTML 14Page - STMicroelectronics M59BW102 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/24
M59BW102
Table 13. Random Read Mode AC Characteristics
(TA = 0 to 70°C)
Note: 1. This timing refers to a Load Capacitance (CL) of 30pF. If CL is higher, add 1ns for each extra 10pF.
Symbol
Alt
Parameter
Test Condition
M59BW102
Unit
25
VCC = 3.0V to 3.6V
Min
Typ
Max
tALHALL
tALW
Address Latch Enable High to Address
Latch Enable Low
ALE = Pulse
10
ns
tELALL
tE
Chip Enable Low to Address Latch Enable
Low
10
ns
tAXALL
tAS
Address Transition to Address Latch
Enable Low
6ns
tEHALH
tELV
Chip Enable High to Address Latch Enable
High
3ns
tALLGL
tAG
Address Latch Enable Low to Output
Enable Low
7.5
ns
tGHALH
tQP
Output Enable High to Address Latch
Enable High
0ns
tGHGL
tGW
Output Enable High to Output Enable Low
G = Pulse
14
ns
tGLGH
tGL
Output Enable Low to Output Enable High
48
ns
tGLQV
(1)
tGACC
Output Enable Low to Output Valid
30
ns
tELQV
(1)
tEACC
Chip Enable Low to Output Valid
55
ns
tGHEL
tGE
Output Enable High to Chip Enable Low
–2
ns
tEHQZ
tEDF
Chip Enable High to Output Hi-Z
12
ns
tALHQZ
tADF
Address Latch Enable High to Output Hi-Z
20
ns
tQVGH
tQV
Output Valid to Output Enable High
10
ns
tGHEH
tGE
Output Enable High to Chip Enable High
0
ns
tELGL
tEGL
Chip Enable Low to Output Enable Low
13
ns
tEHQV
Chip Enable High to Data Hold
0
ns
tALLAX
Address Latch Enable Low to Address
Transition
30
ns


Similar Part No. - M59BW102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
M5913B1 STMICROELECTRONICS-M5913B1 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Shenzhen Huazhimei Semi...
M5918B HMSEMI-M5918B Datasheet
941Kb / 12P
   1.2A charging 1 A discharging Highly integrated mobile power SOC
logo
Renesas Technology Corp
M59330P RENESAS-M59330P Datasheet
219Kb / 11P
   LAN Transceiver
M59350FP RENESAS-M59350FP Datasheet
111Kb / 9P
   Watchdog Timer IC with Built-in 5 V Constant-Voltage Power Supply
More results

Similar Description - M59BW102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W102BT STMICROELECTRONICS-M29W102BT Datasheet
154Kb / 20P
   1 Mbit 64Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29F102BB STMICROELECTRONICS-M29F102BB Datasheet
126Kb / 20P
   1 Mbit 64Kb x16, Boot Block Single Supply Flash Memory
M29F102BB STMICROELECTRONICS-M29F102BB Datasheet
432Kb / 24P
   1 Mbit (64Kb x16, Boot Block) Single Supply Flash Memory
M29F100BT STMICROELECTRONICS-M29F100BT Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M29F100T STMICROELECTRONICS-M29F100T Datasheet
207Kb / 30P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M27W102 STMICROELECTRONICS-M27W102 Datasheet
104Kb / 15P
   1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
   64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
   64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
December 2002
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com