Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79915DDCRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS79915DDCRG4
Description  200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79915DDCRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS79915DDCRG4 Datasheet HTML 4Page - Texas Instruments TPS79915DDCRG4 Datasheet HTML 5Page - Texas Instruments TPS79915DDCRG4 Datasheet HTML 6Page - Texas Instruments TPS79915DDCRG4 Datasheet HTML 7Page - Texas Instruments TPS79915DDCRG4 Datasheet HTML 8Page - Texas Instruments TPS79915DDCRG4 Datasheet HTML 9Page - Texas Instruments TPS79915DDCRG4 Datasheet HTML 10Page - Texas Instruments TPS79915DDCRG4 Datasheet HTML 11Page - Texas Instruments TPS79915DDCRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
90
80
70
60
50
40
30
20
10
0
0.0
1.0
1.5
0.5
2.0
2.5
V
IN − VOUT (V)
3.0
3.5
4.0
0.1kHz
1kHz
10kHz
100kHz
1MHz
C
NR = 0.01µF
C
OUT = 2.2µF
90
80
70
60
50
40
30
20
10
0
0.0
1.0
1.5
0.5
2.0
2.5
V
IN − VOUT (V)
3.0
3.5
4.0
0.1kHz
100kHz
1kHz
10kHz
1MHz
C
NR = 0.01µF
C
OUT = 2.2µF
200
180
160
140
120
100
80
60
40
20
0
0.01
0.1
1
C
NR (nF)
10
I
OUT = 1mA
C
OUT = 2.2µF
35
30
25
20
15
10
5
0
0
5
10
15
20
C
OUT (µF)
25
I
OUT = 1mA
C
NR = 0.01µF
20
µs/div
20mV/div
20mV/div
1V/div
V
OUT
V
OUT
V
IN
I
OUT = 150mA
dV
IN
dt
= 1V/
µs
C
OUT = 10µF
C
OUT = 2.2µF
3.15V
4.15V
20
µs/div
100mV/div
100mV/div
100mA/div
I
OUT
I
OUT
I
OUT
C
OUT = 2.2µF
C
OUT = 10 µF
V
IN = 3.35V
150mA
1mA
TPS799xx
SBVS056E – JANUARY 2005 – REVISED OCTOBER 2005
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (T
J=- 40°C to +125°C), VIN=VOUT(TYP) + 0.3V or 2.7V, whichever is greater; IOUT=1mA,
V
EN = VIN, COUT=2.2µF, CNR=0.01µF, unless otherwise noted. For TPS79901, VOUT=3.0V. Typical values are at TJ=+25°C.
POWER-SUPPLY RIPPLE REJECTION vs
POWER-SUPPLY RIPPLE REJECTION vs
VIN - VOUT, IOUT = 100mA
VIN - VOUT, IOUT = 200mA
Figure 19.
Figure 20.
TPS799285
TPS799285
TOTAL NOISE vs CNR
TOTAL NOISE vs COUT
Figure 21.
Figure 22.
TPS799285
TPS799285
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 23.
Figure 24.
8


Similar Part No. - TPS79915DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79915DDCRG4 TI-TPS79915DDCRG4 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS79915DDCRG4 TI-TPS79915DDCRG4 Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79915DDCRG4 TI-TPS79915DDCRG4 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79915DDCRG4 TI-TPS79915DDCRG4 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79915DDCRG4 TI-TPS79915DDCRG4 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS79915DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com