Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPR1010CT Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # STPR1010CT
Description  Ultra Fast Recovery Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STPR1010CT Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  STPR1010CT Datasheet HTML 1Page - Sirectifier Semiconductors STPR1010CT Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STPR1010CT thru STPR1020CT
FEATURES
* Glass passivated chip
* Superfast switching time for high efficiency
* Low forward voltage drop and high current capability
* Low reverse leakage current
* High surge capacity
MECHANICAL DATA
* Case: TO-220AB molded plastic
* Polarity: As marked on the body
* Weight: 0.08 ounces, 2.24 grams
* Mounting position: Any
Dim.
A
B
C
D
E
F
G
H
J
K
M
N
Q
R
Milimeter
Min.
Max.
12.70
13.97
14.73
16.00
9.91
10.66
3.54
4.08
5.85
6.85
2.54
3.18
1.15
1.65
2.79
5.84
0.64
1.01
2.54
BSC
4.32
4.82
1.14
1.39
0.35
0.56
2.29
2.79
Inches
Min.
Max.
0.500
0.550
0.580
0.630
0.390
0.420
0.139
0.161
0.230
0.270
0.100
0.125
0.045
0.065
0.110
0.230
0.025
0.040
0.100
BSC
0.170
0.190
0.045
0.055
0.014
0.022
0.090
0.110
Dimensions TO-220AB
STPR1010CT
STPR1020CT
VRRM
V
100
200
VRMS
V
70
140
VDC
V
100
200
A=Anode, C=Cathode, TAB=Cathode
Symbol
Characteristics
I(AV)
Maximum Average Forward Rectified Current
@TC=125 C
IFSM
Non Repetitive Peak Forward Surge Current
Per Diode Sinusoidal (JEDEC METHOD)
TP=10ms
TP=8.3ms
Maximum Forward Voltage
Pulse Width=300us
Duty Cycle
IF=5A
@TJ=25 C
IF=5A
@TJ=125 C
IF=10A @TJ=25 C
IF=10A @TJ=125 C
VF
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=100 C
CJ
Typical Junction Capacitance Per Element (Note 1)
TRR
Maximum Reverse Recovery Time (Note 2)
Typical Thermal Resistance
TJ, TSTG
Operating And Storage Temperature Range
Maximum Ratings
10
50
55
0.975
0.925
1.25
1.20
5
100
80
30
4.0
-55 to +150
A
A
V
Unit
uA
pF
ns
o
o
o
o
o
o
ROJC
C/W
o
C
o
NOTES: 1. Measured at 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
A
A
C
C(TAB)
A
C
A
o
Ultra Fast Recovery Diodes


Similar Part No. - STPR1010CT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR1010CT LITEON-STPR1010CT Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
More results

Similar Description - STPR1010CT

ManufacturerPart #DatasheetDescription
logo
RFE international
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
   Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
logo
List of Unclassifed Man...
MUR6020PT ETC2-MUR6020PT Datasheet
94Kb / 3P
   Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
MUR1560S SIRECT-MUR1560S Datasheet
130Kb / 3P
   Ultra Fast Recovery Diodes
MUR2960S SIRECT-MUR2960S Datasheet
131Kb / 3P
   Ultra Fast Recovery Diodes
MUR6020PT SIRECT-MUR6020PT Datasheet
98Kb / 3P
   Ultra Fast Recovery Diodes
MUR6080PT SIRECT-MUR6080PT Datasheet
136Kb / 3P
   Ultra Fast Recovery Diodes
MUR60120 SIRECT-MUR60120 Datasheet
85Kb / 3P
   Ultra Fast Recovery Diodes
logo
Guangdong Kexin Industr...
US1AF KEXIN-US1AF Datasheet
1Mb / 3P
   Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
STPR502D SIRECT-STPR502D Datasheet
77Kb / 2P
   Ultra Fast Recovery Diodes
STPR810D SIRECT-STPR810D Datasheet
78Kb / 2P
   Ultra Fast Recovery Diodes
logo
Sirectifier Semiconduct...
STPR1505D SIRECTIFIER-STPR1505D Datasheet
75Kb / 2P
   Ultra Fast Recovery Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com