Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58LV064A150N1T Datasheet(PDF) 6 Page - STMicroelectronics

Part # M58LV064A150N1T
Description  64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LV064A150N1T Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M58LV064A150N1T Datasheet HTML 2Page - STMicroelectronics M58LV064A150N1T Datasheet HTML 3Page - STMicroelectronics M58LV064A150N1T Datasheet HTML 4Page - STMicroelectronics M58LV064A150N1T Datasheet HTML 5Page - STMicroelectronics M58LV064A150N1T Datasheet HTML 6Page - STMicroelectronics M58LV064A150N1T Datasheet HTML 7Page - STMicroelectronics M58LV064A150N1T Datasheet HTML 8Page - STMicroelectronics M58LV064A150N1T Datasheet HTML 9Page - STMicroelectronics M58LV064A150N1T Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
M58LV064A, M58LV064B
6/65
SUMMARY DESCRIPTION
M58LV064 is a 64Mbit (4Mb x16 or 2Mb x32) non-
volatile memory that can be read, erased and re-
programmed. These operations can be performed
using a single low voltage (2.7V to 3.6V) core sup-
ply. On power-up the memory default to Read
mode with an asynchronous bus where it can be
read in the same way as a non-burst Flash mem-
ory.
The memory is divided into 64 blocks of 1Mbit that
can be erased independently so it is possible to
preserve valid data while old data is erased. Pro-
gram and Erase commands are written to the
Command Interface of the memory. An on-chip
Program/Erase Controller simplifies the process of
programming or erasing the memory by taking
care of all of the special operations that are re-
quired to update the memory contents. The end of
a Program or Erase operation can be detected and
any error conditions identified in the Status Regis-
ter. The command set required to control the
memory is consistent with JEDEC standards.
The Write Buffer allows the microprocessor to pro-
gram from 4 to 16 Words (or from 2 to 8 Double
Words) in parallel, both speeding up the program-
ming and freeing up the microprocessor to perform
other work. The minimum buffer size for a program
operation is a 4 Word (or 2 Double Word) page. A
page can only be programmed once between
Erase operations.
Erase can be suspended in order to perform either
Read or Program in any other block and then re-
sumed. Program can be suspended to Read data
in any other block and then resumed. Each block
can be programmed and erased over 100,000 cy-
cles.
Individual block protection against Program or
Erase is provided for data security. All blocks are
protected during power-up. The protection of the
blocks is non-volatile; after power-up the protec-
tion status of each block is restored to the state
when power was last removed. Software com-
mands are provided to allow protection of some or
all of the blocks and to cancel all block protection
bits simultaneously. All Program or Erase opera-
tions are blocked when the Program Erase Enable
input Vpp is low.
The Reset/Power-Down pin is used to apply a
Hardware Reset to the memory and to set the de-
vice in deep power-down mode. It can also be
used to temporarily disable the protection mecha-
nism.
In asynchronous mode Chip Enable, Output En-
able and Write Enable signals control the bus op-
eration of the memory. An Address Latch input can
be used to latch addresses in Latch Controlled
mode. Together they allow simple, yet powerful,
connection to most microprocessors, often without
additional logic.
In synchronous mode all Bus Read operations are
synchronous with the Clock. Chip Enable and Out-
put Enable select the Bus Read operation; the ad-
dress is Latched using the Latch Enable inputs
and the address is advanced using Burst Address
Advance. The signals are compatible with most
microprocessor burst interfaces.
A One Time Programmable (OTP) area is included
for security purposes. Either 1K Words (x16 Bus
Width) or 1K Double-Words (x32 Bus Width) is
available in the OTP area. The process of reading
from and writing to the OTP area is not published
for security purposes; contact STMicroelectronics
for details on how to use the OTP area.
The memory is offered in various packages. The
M58LV064A is available in TSOP56 (14 x 20 mm)
and TBGA64 (1mm pitch). The M58LV064B is
available in TBGA80 (1mm pitch).


Similar Part No. - M58LV064A150N1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LR016C100ZC6T STMICROELECTRONICS-M58LR016C100ZC6T Datasheet
389Kb / 51P
   16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58LR016C120ZC6T STMICROELECTRONICS-M58LR016C120ZC6T Datasheet
389Kb / 51P
   16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58LR016D100ZC6T STMICROELECTRONICS-M58LR016D100ZC6T Datasheet
389Kb / 51P
   16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58LR016D120ZC6T STMICROELECTRONICS-M58LR016D120ZC6T Datasheet
389Kb / 51P
   16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58LR128F-ZB STMICROELECTRONICS-M58LR128F-ZB Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
More results

Similar Description - M58LV064A150N1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
   128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
   64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
December 2002
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
M28W320FSU STMICROELECTRONICS-M28W320FSU Datasheet
797Kb / 49P
   32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
   32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
M59PW064 STMICROELECTRONICS-M59PW064 Datasheet
457Kb / 24P
   64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com