Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT500GK12 Datasheet(PDF) 4 Page - Sirectifier Semiconductors

Part # STT500GK12
Description  Thyristor-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STT500GK12 Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  STT500GK12 Datasheet HTML 1Page - Sirectifier Semiconductors STT500GK12 Datasheet HTML 2Page - Sirectifier Semiconductors STT500GK12 Datasheet HTML 3Page - Sirectifier Semiconductors STT500GK12 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STT500
Thyristor-Thyristor Modules
Fig.10 Transient thermal impedance
junction to heatsink (per thyristor)
0
300
600
900
1200
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
t
Z
thJK
s
t
10-3
10-2
10-1
100
101
102
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
K/W
Z
thJC
I
RMS
P
tot
0
25
50
75
100
125
150
A
3xMT C500
Circuit
W3
10-3
10-2
10-1
100
101
102
0.00
0.02
0.04
0.06
0.08
0.10
0.12
DC
180°
120°
60°
30°
DC
180°
120°
60°
30°
°C
T
A
W
K/W
s
R
thKA K/W
0.01
0.02
0.03
0.045
0.06
0.08
0.12
Fig. 9 Transient thermal impedance
junction to case (per thyristor)
Fig. 8 Three phase AC-controller:
Power dissipation versus RMS
output current and ambient
temperature
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.072
180oC
0.0768
120oC
0.081
60oC
0.092
30oC
0.111
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.0035
0.0054
2
0.0186
0.098
3
0.0432
0.54
4
0.0067
12
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.096
180oC
0.1
120oC
0.105
60oC
0.116
30oC
0.135
Constants for Z
thJK calculation:
i
R
thi (K/W)
t
i (s)
1
0.0035
0.0054
2
0.0186
0.098
3
0.0432
0.54
4
0.0067
12
5
0.024
12
3 x STT500


Similar Part No. - STT500GK12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STT500GK12 ETC2-STT500GK12 Datasheet
182Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Global Corp...
STT500GK12T SIRECT-STT500GK12T Datasheet
803Kb / 6P
   Thyristor-Thyristor Modules
More results

Similar Description - STT500GK12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com