Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SII100N12 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # SII100N12
Description  NPT IGBT Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SII100N12 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SII100N12 Datasheet HTML 1Page - Sirectifier Semiconductors SII100N12 Datasheet HTML 2Page - Sirectifier Semiconductors SII100N12 Datasheet HTML 3Page - Sirectifier Semiconductors SII100N12 Datasheet HTML 4Page - Sirectifier Semiconductors SII100N12 Datasheet HTML 5Page - Sirectifier Semiconductors SII100N12 Datasheet HTML 6Page - Sirectifier Semiconductors SII100N12 Datasheet HTML 7Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NPT IGBT Modules
Symbol
Conditions
Units
TC = 25
oC, unless otherwise specified
SirectifierR
VCES
V
IC
TC= 25(80)
oC
A
ICRM
A
VGES
TVj,(Tstg)
Visol
TC= 25(80)
oC, tP =1ms
AC, 1min
1200
145(100)
290(200)
+20
40...+125(150)
2500
V
oC
V
TOPERATION <
_ Tstg
_
_
SII100N12
Dimensions in mm (1mm = 0.0394")
Absolute Maximum Ratings
Values
RthJC
RthJCD
<
_ 0.18
<
_ 0.36
K/W
Ptot
700
W


Similar Part No. - SII100N12

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SII100N06 SIRECTIFIER-SII100N06 Datasheet
1Mb / 4P
   NPT IGBT Modules
More results

Similar Description - SII100N12

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SDI300N12 SIRECTIFIER-SDI300N12 Datasheet
457Kb / 2P
   NPT IGBT Modules
SDI100N12 SIRECTIFIER-SDI100N12 Datasheet
643Kb / 2P
   NPT IGBT Modules
SII400N12 SIRECTIFIER-SII400N12 Datasheet
462Kb / 2P
   NPT IGBT Modules
SDI150N12 SIRECTIFIER-SDI150N12 Datasheet
457Kb / 2P
   NPT IGBT Modules
SID200N12 SIRECTIFIER-SID200N12 Datasheet
458Kb / 2P
   NPT IGBT Modules
SII100N06 SIRECTIFIER-SII100N06 Datasheet
1Mb / 4P
   NPT IGBT Modules
SII200N06 SIRECTIFIER-SII200N06 Datasheet
1Mb / 4P
   NPT IGBT Modules
6SI75N12 SIRECTIFIER-6SI75N12 Datasheet
557Kb / 2P
   NPT IGBT Modules
6SI15N12 SIRECTIFIER-6SI15N12 Datasheet
557Kb / 2P
   NPT IGBT Modules
SID150N12 SIRECTIFIER-SID150N12 Datasheet
458Kb / 2P
   NPT IGBT Modules
SID100N12 SIRECTIFIER-SID100N12 Datasheet
608Kb / 2P
   NPT IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com