Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50112GAG2 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # ZL50112GAG2
Description  128, 256, 512 and 1024 Channel CESoP Processors
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50112GAG2 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL50112GAG2 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50112GAG2 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50112GAG2 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50112GAG2 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50112GAG2 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50112GAG2 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50112GAG2 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50112GAG2 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50112GAG2 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2003-2008, Zarlink Semiconductor Inc. All Rights Reserved.
Features
General
Circuit Emulation Services over Packet (CESoP)
transport for MPLS, IP and Ethernet networks
On chip timing & synchronization recovery across
a packet network
Grooming capability for Nx64 Kbps trunking
Circuit Emulation Services
Supports ITU-T Recommendation Y.1413 and
Y.1453
Supports IETF RFC4553 and RFC5086
Supports MEF8 and MFA 8.0.0
Structured, synchronous CESoP with clock
recovery
Unstructured, asynchronous CESoP, with integral
per stream clock recovery
TDM Interfaces
Up to 32 T1/E1, 8 J2, or 2 T3/E3 ports
H.110, H-MVIP, ST-BUS backplanes
Up to 1024 bi-directional 64 Kbps channels
Direct connection to LIUs, framers, backplanes
Dual reference Stratum 4 and 4E DPLL for
synchronous operation
Network Interfaces
Up to 3 x 100 Mbps MII Fast Ethernet or Dual
Redundant 1000 Mbps GMII/TBI Ethernet
Interfaces
System Interfaces
Flexible 32 bit host CPU interface (Motorola
PowerQUICCcompatible)
On-chip packet memory for self-contained
operation, with buffer depths of over 16 ms
Up to 8 Mbytes of off-chip packet memory,
supporting buffer depths of over 128 ms
April 2008
Ordering Information
ZL50110GAG
552 PBGA
Trays, Bake & Drypack
ZL50111GAG
552 PBGA
Trays, Bake & Drypack
ZL50112GAG
552 PBGA
Trays, Bake & Drypack
ZL50114GAG
552 PBGA
Trays, Bake & Drypack
ZL50110GAG2
552 PBGA** Trays, Bake & Drypack
ZL50111GAG2
552 PBGA** Trays, Bake & Drypack
ZL50112GAG2
552 PBGA** Trays, Bake & Drypack
ZL50114GAG2
552 PBGA** Trays, Bake & Drypack
**Pb Fee Tin Silver/Copper
-40°C to +85°C
ZL50110/11/12/14
128, 256, 512 and 1024 Channel CESoP
Processors
Data Sheet
Figure 1 - ZL50111 High Level Overview
On C h ip P a c k e t M e m o ry
(J itte r B u ffe r C o m p ens ation fo r 16-12 8 m s of P a c k et D e la y V a riation)
Du a l Re fe re n c e
Stra tu m 3 D P L L
H o s t P roc es s o r
In te rfa c e
E x te rnal M e m o ry
In te rfac e (optio n a l)
32-bit M o to ro la c o m p atib le
D M A fo r s ignalin g pa c k e ts
M u lti-P ro to c o l
Pa c k e t
P roc es s ing
En g in e
PW , RT P , UDP ,
IP v4 , IP v6 , M P L S ,
EC ID , VL AN , U s e r
D e fined, O th e rs
T rip le
Pa c k e t
In te rfa c e
MA C
(M II, G M II, T B I)
TD M
In te rfa c e
(L IU , F ram er, B a c k pla n e )
Pe r Po rt D C O fo r
Clo c k Re c o v e ry
ZBT -SR A M
(0 - 8 M b y te s )


Similar Part No. - ZL50112GAG2

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50110 ZARLINK-ZL50110 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50110 ZARLINK-ZL50110 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50110GAG ZARLINK-ZL50110GAG Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50110GAG ZARLINK-ZL50110GAG Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50110GAG2 ZARLINK-ZL50110GAG2 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
More results

Similar Description - ZL50112GAG2

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50110 ZARLINK-ZL50110_06 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50110 ZARLINK-ZL50110 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50119 ZARLINK-ZL50119 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
ZL50117 ZARLINK-ZL50117_06 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Analog Devices
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
logo
National Semiconductor ...
NM93C13 NSC-NM93C13 Datasheet
161Kb / 8P
   256-/1024-Bit Serial EEPROM
logo
Analog Devices
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
logo
NXP Semiconductors
LPC2132FHN64 PHILIPS-LPC2132FHN64 Datasheet
340Kb / 45P
   Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
Rev. 5-2 February 2011
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com