Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6722 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320C6722
Description  Floating-Point Digital Signal Processors
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6722 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6722 Datasheet HTML 2Page - Texas Instruments TMS320C6722 Datasheet HTML 3Page - Texas Instruments TMS320C6722 Datasheet HTML 4Page - Texas Instruments TMS320C6722 Datasheet HTML 5Page - Texas Instruments TMS320C6722 Datasheet HTML 6Page - Texas Instruments TMS320C6722 Datasheet HTML 7Page - Texas Instruments TMS320C6722 Datasheet HTML 8Page - Texas Instruments TMS320C6722 Datasheet HTML 9Page - Texas Instruments TMS320C6722 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 114 page
background image
www.ti.com
Contents
TMS320C6727, TMS320C6726, TMS320C6722
Floating-Point Digital Signal Processors
SPRS268E – MAY 2005 – REVISED JANUARY 2007
1
TMS320C6727, TMS320C6726, TMS320C6722
4.3
Recommended Operating Conditions
............... 33
DSPs
........................................................ 1
4.4
Electrical Characteristics
............................ 34
1.1
Features
.............................................. 1
4.5
Parameter Information
.............................. 35
1.2
Description
............................................ 2
4.6
Timing Parameter Symbology
....................... 36
1.2.1
Device Compatibility
................................. 4
4.7
Power Supplies
...................................... 37
1.3
Functional Block Diagram
............................ 5
4.8
Reset
................................................ 38
2
Device Overview
......................................... 7
4.9
Dual Data Movement Accelerator (dMAX)
.......... 39
2.1
Device Characteristics
................................ 7
4.10
External Interrupts
................................... 44
2.2
Enhanced C67x+ CPU
............................... 8
4.11
External Memory Interface (EMIF)
.................. 45
2.3
CPU Interrupt Assignments
........................... 9
4.12
Universal Host-Port Interface (UHPI) [C6727 Only]
. 55
2.4
Internal Program/Data ROM and RAM
.............. 10
4.13
Multichannel Audio Serial Ports (McASP0, McASP1,
and McASP2)
........................................ 68
2.5
Program Cache
...................................... 11
4.14
Serial Peripheral Interface Ports (SPI0, SPI1)
...... 80
2.6
High-Performance Crossbar Switch
................. 12
4.15
Inter-Integrated Circuit Serial Ports (I2C0, I2C1)
... 93
2.7
Memory Map Summary
............................. 15
4.16
Real-Time Interrupt (RTI) Timer With Digital
2.8
Boot Modes
.......................................... 16
Watchdog
............................................ 97
2.9
Pin Assignments
.................................... 19
4.17
External Clock Input From Oscillator or CLKIN Pin 100
2.10
Development
........................................ 26
4.18
Phase-Locked Loop (PLL)
......................... 102
3
Device Configurations
................................. 30
5
Application Example
................................. 105
3.1
Device Configuration Registers
..................... 30
6
Revision History
...................................... 106
3.2
Peripheral Pin Multiplexing Options
................. 30
7
Mechanical Data
....................................... 107
3.3
Peripheral Pin Multiplexing Control
................. 31
7.1
Package Thermal Resistance Characteristics
..... 107
4
Peripheral and Electrical Specifications
........... 33
7.2
Supplementary Information About the 144-Pin RFP
4.1
Electrical Specifications
............................. 33
PowerPAD™ Package
............................. 108
4.2
Absolute Maximum Ratings
......................... 33
7.3
Packaging Information
............................. 109
6
Contents
Submit Documentation Feedback


Similar Part No. - TMS320C6722

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6722 TI-TMS320C6722 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6722 TI-TMS320C6722 Datasheet
944Kb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6722B TI-TMS320C6722B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6722B TI-TMS320C6722B Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6722B TI-TMS320C6722B Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results

Similar Description - TMS320C6722

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com