Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE48F4400P0R0W0 Datasheet(PDF) 10 Page - Numonyx B.V

Part # TE48F4400P0R0W0
Description  StrataFlash짰 Cellular Memory
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

TE48F4400P0R0W0 Datasheet(HTML) 10 Page - Numonyx B.V

Back Button TE48F4400P0R0W0 Datasheet HTML 6Page - Numonyx B.V TE48F4400P0R0W0 Datasheet HTML 7Page - Numonyx B.V TE48F4400P0R0W0 Datasheet HTML 8Page - Numonyx B.V TE48F4400P0R0W0 Datasheet HTML 9Page - Numonyx B.V TE48F4400P0R0W0 Datasheet HTML 10Page - Numonyx B.V TE48F4400P0R0W0 Datasheet HTML 11Page - Numonyx B.V TE48F4400P0R0W0 Datasheet HTML 12Page - Numonyx B.V TE48F4400P0R0W0 Datasheet HTML 13Page - Numonyx B.V TE48F4400P0R0W0 Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
10
309823-10
2.0
Functional Description
2.1
Product Overview
The Numonyx™ StrataFlash® Cellular Memory (M18) device provides high read and
write performance at low voltage on a 16-bit data bus.
The flash memory device has a multi-partition architecture with read-while-program
and read-while-erase capability.
The device supports synchronous burst reads up to 108 MHz using ADV# and CLK
address-latching on some litho/density combinations and up to 133 MHz using CLK
address-latching only on some litho/density combinations. It is listed below in the
following table.
In continuous-burst mode, a data Read can traverse partition boundaries.
Upon initial power-up or return from reset, the device defaults to asynchronous array-
read mode. Synchronous burst-mode reads are enabled by programming the Read
Configuration Register. In synchronous burst mode, output data is synchronized with a
user-supplied clock signal. A WAIT signal provides easy CPU-to-flash memory
synchronization.
Designed for low-voltage applications, the device supports read operations with VCC at
1.8 V, and erase and program operations with VPP at 1.8 V or 9.0 V. VCC and VPP can
be tied together for a simple, ultra-low power design. In addition to voltage flexibility, a
dedicated VPP connection provides complete data protection when VPP is less than
VPPLK.
A Status Register provides status and error conditions of erase and program
operations.
One-Time-Programmable (OTP) registers allow unique flash device identification that
can be used to increase flash content security. Also, the individual block-lock feature
provides zero-latency block locking and unlocking to protect against unwanted program
or erase of the array.
The flash memory device offers three power savings features:
• Automatic Power Savings (APS) mode: The device automatically enters APS
following a read-cycle completion.
• Standby mode: Standby is initiated when the system deselects the device by
deasserting CE#.
Table 4:
M18 Product Litho/Density/Frequency Combinations
Litho (nm)
Density (Mbit)
Supports frequency up to (MHz)
Sync read address-latching
90
256
133
CLK-latching
512
108
ADV#- and CLK-latching
65
128
133
CLK-latching
256
133
CLK-latching
512
133
CLK-latching
1024
108
ADV#- and CLK-latching
1024
133
CLK-latching


Similar Part No. - TE48F4400P0R0W0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
TE48F4400P0VB00 NUMONYX-TE48F4400P0VB00 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
More results

Similar Description - TE48F4400P0R0W0

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RC28F128J3A INTEL-RC28F128J3A_13 Datasheet
990Kb / 72P
   Intel StrataFlash짰 Memory
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
   5 Volt Intel StrataFlash짰 Memory
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Intel Corporation
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
M/A-COM Technology Solu...
CSM1-17 MA-COM-CSM1-17 Datasheet
97Kb / 3P
   Cellular Applications
logo
RFHIC
RFUR08-50 RFHIC-RFUR08-50 Datasheet
239Kb / 5P
   Cellular Converter
logo
Analog Devices
HMC832 AD-HMC832 Datasheet
1Mb / 49P
   Cellular infrastructure
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A_15 Datasheet
296Kb / 5P
   4G Cellular
logo
Guangdong Youtai Semico...
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
   Cellular phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com