Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUR2X30-06 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # SUR2X30-06
Description  Ultra Fast Recovery Epitaxial Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SUR2X30-06 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SUR2X30-06 Datasheet HTML 1Page - Sirectifier Semiconductors SUR2X30-06 Datasheet HTML 2Page - Sirectifier Semiconductors SUR2X30-06 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SUR2x30-04, SUR2x30-06
Ultra Fast Recovery Epitaxial Diodes
Symbol
Test Conditions
Maximum Ratings
Unit
IFRMS
IFAVM
IFRM
TVJ=TVJM
TC=85
oC; rectangular, d=0.5
tp<10us; rep. rating, pulse width limited by TVJM
70
30
375
A
TVJ=45
oC
t=10ms (50Hz), sine
t=8.3ms (60Hz), sine
TVJ=150
oC
t=10ms(50Hz), sine
t=8.3ms(60Hz), sine
300
320
260
280
A
IFSM
TVJ=45
oC
t=10ms (50Hz), sine
t=8.3ms (60Hz), sine
TVJ=150
oC
t=10ms(50Hz), sine
t=8.3ms(60Hz), sine
450
420
340
320
A
2s
I
2t
TVJ
TVJM
Tstg
-40...+150
150
-40...+150
oC
30
Weight
g
Ptot
TC=25
oC
100
W
VISOL
50/60Hz, RMS
IISOL<1mA
2500
V~
Md
Mounting torque
Terminal connection torque (M4)
1.5/13
1.5/13
Nm/lb.in.
_
SUR2x30-04
SUR2x30-06
VRSM
V
400
600
VRRM
V
400
600
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
31.50
31.88
1.240
1.255
B
7.80
8.20
0.307
0.323
C
4.09
4.29
0.161
0.169
D
4.09
4.29
0.161
0.169
E
4.09
4.29
0.161
0.169
F
14.91
15.11
0.587
0.595
G
30.12
30.30
1.186
1.193
H
37.80
38.20
1.489
1.505
J
11.68
12.22
0.460
0.481
K
8.92
9.60
0.351
0.378
L
0.76
0.84
0.030
0.033
M
12.60
12.85
0.496
0.506
N
25.15
25.42
0.990
1.001
O
1.98
2.13
0.078
0.084
P
4.95
5.97
0.195
0.235
Q
26.54
26.90
1.045
1.059
R
3.94
4.42
0.155
0.174
S
4.72
4.85
0.186
0.191
T
24.59
25.07
0.968
0.987
U
-0.05
0.1
-0.002
0.004
V
3.30
4.57
0.130
0.180
W
0.780
0.830
19.81
21.08
Dimensions SOT-227(ISOTOP)


Similar Part No. - SUR2X30-06

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SUR2x30-06 SIRECTIFIER-SUR2x30-06 Datasheet
149Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
More results

Similar Description - SUR2X30-06

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR1520 SIRECTIFIER-HUR1520_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
HUR10100 SIRECTIFIER-HUR10100_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
HUR60100 SIRECTIFIER-HUR60100_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR6020PT SIRECTIFIER-SUR6020PT Datasheet
267Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR1520 SIRECTIFIER-SUR1520 Datasheet
271Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR820 SIRECTIFIER-SUR820 Datasheet
273Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR2X30-08 SIRECTIFIER-SUR2X30-08 Datasheet
161Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR860S SIRECTIFIER-SUR860S Datasheet
244Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR3080 SIRECTIFIER-SUR3080 Datasheet
144Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR3080PT SIRECTIFIER-SUR3080PT Datasheet
171Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com