Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2X80-45 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # MBR2X80-45
Description  Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

MBR2X80-45 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  MBR2X80-45 Datasheet HTML 1Page - Sirectifier Semiconductors MBR2X80-45 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR2*80
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR2*80-30
MBR2*80-40
MBR2*80-45
VRSM
V
30
40
45
VRRM
V
30
40
45
Dimensions SOT-227(ISOTOP)
Symbol
Test Conditions
Maximum Ratings
Unit
IFRMS
IFAVM
IFAVM
TC=75
oC; rectangular, d=0.5
TC=75
oC; rectangular, d=0.5; per device
100
80
160
A
IFSM
TVJ=45
oC; tp=10ms (50Hz), sine
EAS
IAS=20A; L=180uH; TVJ=25
oC; non-repetitive
VA=1.5.VRRM typ.; f=10kHz; repetitive
900
57
2
A
mJ
IAR
A
TVJ
TVJM
Tstg
-40...+150
150
-40...+150
oC
1000
(dv/dt)cr
V/us
Ptot
TC=25
oC
150
W
Symbol
Test Conditions
Characteristic Values
typ.
max.
Unit
TVJ=25
oC; VR=VRRM
TVJ=100
oC; VR=VRRM
60
250
mA
IR
RthJC
RthCH
0.8
K/W
IF=80A; TVJ=125
oC
IF=80A; TVJ=25
oC
IF=160A; TVJ=125
oC
0.64
0.66
1.07
V
VF
0.1
ADVANTAGES
* High reliability circuit operation
* Low voltage peaks for reduced
protection circuits
* Low noise switching
* Low losses
APPLICATIONS
* Rectifiers in switch mode power
supplies (SMPS)
* Free wheeling diode in low voltage
converters
FEATURES
* International standard package miniBLOC
* Isolation voltage 2500 V~
* 2 independent Schottky diodes in 1
package
* Very low VF
* Extremely low switching losses
* Low IRM-values
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
31.50
31.88
1.240
1.255
B
7.80
8.20
0.307
0.323
C
4.09
4.29
0.161
0.169
D
4.09
4.29
0.161
0.169
E
4.09
4.29
0.161
0.169
F
14.91
15.11
0.587
0.595
G
30.12
30.30
1.186
1.193
H
37.80
38.20
1.489
1.505
J
11.68
12.22
0.460
0.481
K
8.92
9.60
0.351
0.378
L
0.76
0.84
0.030
0.033
M
12.60
12.85
0.496
0.506
N
25.15
25.42
0.990
1.001
O
1.98
2.13
0.078
0.084
P
4.95
5.97
0.195
0.235
Q
26.54
26.90
1.045
1.059
R
3.94
4.42
0.155
0.174
S
4.72
4.85
0.186
0.191
T
24.59
25.07
0.968
0.987
U
-0.05
0.1
-0.002
0.004
V
3.30
4.57
0.130
0.180
W
0.780
0.830
19.81
21.08
VISOL
50/60Hz, RMS; IISOL<1mA
Md
mounting torque (M4); terminal connection torque (M4)
typical
2500
1.1-1.5/9-13
30
V~
Nm/lb.in.
Weight
g
_


Similar Part No. - MBR2X80-45

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR2X030A045 GENESIC-MBR2X030A045 Datasheet
312Kb / 3P
   High Surge Capability
MBR2X030A045 GENESIC-MBR2X030A045 Datasheet
649Kb / 3P
   Schottky Rectifier Module
MBR2X030A045 GENESIC-MBR2X030A045_V01 Datasheet
649Kb / 3P
   Schottky Rectifier Module
MBR2X030A060 GENESIC-MBR2X030A060 Datasheet
312Kb / 3P
   High Surge Capability
MBR2X030A060 GENESIC-MBR2X030A060 Datasheet
642Kb / 3P
   Schottky Rectifier Module
More results

Similar Description - MBR2X80-45

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MBR1050CT SIRECTIFIER-MBR1050CT Datasheet
254Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR580 SIRECTIFIER-MBR580 Datasheet
119Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR730 SIRECTIFIER-MBR730 Datasheet
81Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR750 SIRECTIFIER-MBR750 Datasheet
81Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR2530CT SIRECTIFIER-MBR2530CT Datasheet
102Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR3050CT SIRECTIFIER-MBR3050CT Datasheet
103Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR1030 SIRECTIFIER-MBR1030 Datasheet
81Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR540 SIRECTIFIER-MBR540 Datasheet
132Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR560 SIRECTIFIER-MBR560 Datasheet
132Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR3030PT SIRECTIFIER-MBR3030PT Datasheet
125Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR10150CT SIRECTIFIER-MBR10150CT Datasheet
180Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com