Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG75S12S Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # SG75S12S
Description  Discrete IGBTs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SG75S12S Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  SG75S12S Datasheet HTML 1Page - Sirectifier Semiconductors SG75S12S Datasheet HTML 2Page - Sirectifier Semiconductors SG75S12S Datasheet HTML 3Page - Sirectifier Semiconductors SG75S12S Datasheet HTML 4Page - Sirectifier Semiconductors SG75S12S Datasheet HTML 5Page - Sirectifier Semiconductors SG75S12S Datasheet HTML 6Page - Sirectifier Semiconductors SG75S12S Datasheet HTML 7Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SG75S12S
Discrete IGBTs
Thermal Characteristics
(Tj = 25°C, unless specified otherwise)
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
IGBT Thermal Resistance
Junction to Heatsink
Rth j-h
Igbt
0.370 °C/W
Diode Thermal Resistance
Junction to Heatsink
0.740
Equivalent IGBT Thermal
Resistance Junct. to Case
0.235
Equivalent Diode Thermal
Resistance Junct. to Case
Heatsink:
flatness < +/-20µm,
roughness < 6µm without ridge
Thermal grease:
thickness: 30µm < t < 50µm
0.550
°C/W
Rth j-h
Diode
Rth j-c
Igbt
°C/W
Rth j-c
Diode
°C/W
Diode Characteristic Values
(Tj = 25°C, unless specified otherwise)
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Tvj = 25°C
2.00
2.40
Forward Voltage
VF*
IF = 75A
2.00
V
Reverse Recovery Current
Irrm
75
A
Reverse Recovery Charge
Qrr
14
µC
Reverse Recovery Time
trr
IF = 75A, Rgon = 15 , VCC = 600V,
VGE = +15V, Tvj = 125°C
0.35
µs
Reverse Recovery Energy
Erec
IF = 75A, Tvj = 125°C, VCC = 600V,
Rgon = 15 , VGE = +15V,
inductive load, fully integrated
5.5
mJ
Ths = 25°C
1.25
Resistance terminal-chip
RCC'+EE'
1.90
m
* Note 2: Forward voltage is gaiven at die level
Tvj = 125°C
_
_
Ths = 125°C


Similar Part No. - SG75S12S

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SG75S12S SIRECT-SG75S12S Datasheet
1Mb / 7P
   Discrete IGBTs
More results

Similar Description - SG75S12S

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SG45N12T SIRECT-SG45N12T Datasheet
143Kb / 2P
   Discrete IGBTs
SG200N06S SIRECT-SG200N06S Datasheet
239Kb / 2P
   Discrete IGBTs
logo
Sirectifier Semiconduct...
SG7N06P SIRECTIFIER-SG7N06P Datasheet
172Kb / 2P
   Discrete IGBTs
logo
List of Unclassifed Man...
SG50N06D2S ETC2-SG50N06D2S Datasheet
156Kb / 2P
   Discrete IGBTs
logo
Sirectifier Global Corp...
SG15N12P SIRECT-SG15N12P Datasheet
211Kb / 2P
   Discrete IGBTs
logo
Sirectifier Semiconduct...
SG200N06S SIRECTIFIER-SG200N06S Datasheet
159Kb / 2P
   Discrete IGBTs
SG45N12T SIRECTIFIER-SG45N12T Datasheet
108Kb / 2P
   Discrete IGBTs
SG12N06P SIRECTIFIER-SG12N06P Datasheet
198Kb / 2P
   Discrete IGBTs
logo
Sirectifier Global Corp...
SG35N12T SIRECT-SG35N12T Datasheet
162Kb / 2P
   Discrete IGBTs
logo
Sirectifier Semiconduct...
SG15N12P SIRECTIFIER-SG15N12P Datasheet
173Kb / 2P
   Discrete IGBTs
logo
Sirectifier Global Corp...
SG12N06P SIRECT-SG12N06P Datasheet
202Kb / 2P
   Discrete IGBTs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com