Part Name
         Description
V436416S04VCTG-75

 3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE ( 12 Page)


MOSEL
100% 
Zoom Out Zoom In
 
 1 page
background image
MOSEL VITELIC
1
V436416S04V(C)TG-75
3.3VOLT16M x64HIGH PERFORMANCE
PC133 UNBUFFERED SDRAM MODULE
PRELIMINARY
V436416S04V(C)TG-75 Rev. 1.7 September 2001
Features
s 168 Pin Unbuffered 16,777,216 x 64 bit
Oganization SDRAM DIMMs
s Utilizes High Performance 8M x 8 SDRAM in
TSOPII-54 Packages
s Fully PC Board Layout Compatible to INTEL’S
Rev 1.0 Module Specification
s Single +3.3V (± 0.3V) Power Supply
s Programmable CAS Latency, Burst Length, and
Wrap Sequence (Sequential & Interleave)
s Auto Refresh (CBR) and Self Refresh
s All Inputs, Outputs are LVTTL Compatible
s 4096 Refresh Cycles every 64 ms
s Serial Present Detect (SPD)
s SDRAM Performance
s Supported Latencies at 133 MHz Operation
Description
The V436416S04V(C)TG-75 memory module is
organized 16,777,216 x 64 bits in a 168 pin dual in
line memory module (DIMM). The 16M x 64 memo-
ry module uses 16 Mosel-Vitelic 8M x 8 SDRAM.
The x64 modules are ideal for use in high perfor-
mance computer systems where increased memory
density and fast access times are required.
Component Used
-7
Units
tCK
Clock Frequency (max.)
143
MHz
tAC
Clock Access Time CAS
Latency = 3
5.4
ns
CL
tRCD
tRP
tRC
33
38
CLK
V436416S04V(C)TG-75-01



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
V437216S04VCTG-753.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436516S04VATG-753.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436516S04VATG-75PC3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437216C04VDTG-753.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 REGISTER PLL ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436416S04V3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437216S04VCTG-10PC3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437316S04V3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V43644R04VCTG-753.3 VOLT 4M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436632S24V3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436516S04VTG-10PC3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl