Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V29C51000B-45T Datasheet(PDF) 10 Page - Mosel Vitelic, Corp

Part # V29C51000B-45T
Description  512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29C51000B-45T Datasheet(HTML) 10 Page - Mosel Vitelic, Corp

Back Button V29C51000B-45T Datasheet HTML 6Page - Mosel Vitelic, Corp V29C51000B-45T Datasheet HTML 7Page - Mosel Vitelic, Corp V29C51000B-45T Datasheet HTML 8Page - Mosel Vitelic, Corp V29C51000B-45T Datasheet HTML 9Page - Mosel Vitelic, Corp V29C51000B-45T Datasheet HTML 10Page - Mosel Vitelic, Corp V29C51000B-45T Datasheet HTML 11Page - Mosel Vitelic, Corp V29C51000B-45T Datasheet HTML 12Page - Mosel Vitelic, Corp V29C51000B-45T Datasheet HTML 13Page - Mosel Vitelic, Corp V29C51000B-45T Datasheet HTML 14Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
MOSEL VITELIC
V29C51000T/V29C51000B
V29C51000T/V29C51000B Rev. 0.5 October 2000
the device ignores any program attempt into the
device. The internal erase completion can be
determined via DATA polling or toggle bit.
The V29C51000T/V29C51000B is shipped with
pre-erased sectors (all bits = 1).
Chip Erase Cycle
The V29C51000T/V29C51000B features a chip-
erase operation. The chip erase operation is
initiated by using a specific six-bus-cycle
sequence: two unlock program cycles, a setup
command, two additional unlock program cycles,
and the chip erase command (see Table 2).
The chip erase operation is performed
sequentially, one sector at a time. When the
automated on chip erase algorithm is requested
with the chip erase command sequence, the device
automatically programs and verifies the entire
memory array for an all zero pattern prior to erasure
The automatic erase begins on the rising edge of
the last WE or CE pulse in the command sequence
and terminates when the data on DQ7 is “1”.
Program Cycle Status Detection
There are two methods for determining the state
of the V29C51000T/V29C51000B during a
program (erase/program) cycle: DATA Polling
(I/O7) and Toggle Bit (I/O6).
DATA Polling (I/O7)
The V29C51000T/V29C51000B features DATA
polling to indicate the end of a program cycle.
When the device is in the program cycle, any
attempt to read the device will received the
complement of the loaded data on I/O7. Once the
program cycle is completed, I/O7 will show true
data, and the device is then ready for the next
cycle.
Toggle Bit (I/O6)
The V29C51000T/V29C51000B also features
another method for determining the end of a
program cycle. When the device is in the program
cycle, any attempt to read the device will result in
l/O6 toggling between 1 and 0. Once the program is
completed, the toggling will stop. The device is then
ready for the next operation. Examining the toggle
bit may begin at any time during a program cycle.
Boot Block Protection
The V29C51000T/V29C51000B features
hardware Boot Block Protection. This feature will
prevent erasing/programming of data in the Boot
Block once the feature is enabled (see Table 3).
The device is shipped with the Boot Block
unprotected.
Autoselect
The V29C51000T/V29C51000B features an
Autoselect mode to identify the Boot Block
(protected/unprotected), the Device (Top/Bottom),
and the manufacturer ID.
To get to the Autoselect mode, a high voltage
(VH) must be applied to the A9 pin. Once the A9
signal is returned to LOW or HIGH, the device will
return to the previous mode.
Table 2. Command Codes
NOTES:
1.
Top Boot Sector
2.
Bottom Boot Sector
3.
PA: The address of the memory location to be programmed.
4.
PD: The data at the byte address to be programmed.
Command
Sequence
First Bus
Program Cycle
Second Bus
Program Cycle
Third Bus
Program Cycle
Fourth Bus
Program Cycle
Fifth Bus
Program Cycle
Six Bus
Program Cycle
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
Read
XXXXH
F0H
Read
5555H
AAH
2AAAH
55H
5555H
F0H
RA
RD
Autoselect
5555H
AAH
2AAAH
55H
5555H
90H
00H
40H
01H
00H(1)
A0H(2)
Byte
Program
5555H
AAH
2AAAH
55H
5555H
A0H
PA
PD(4)
Chip Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Sector Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
PA(3)
30H


Similar Part No. - V29C51000B-45T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51001B MOSEL-V29C51001B Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-45J MOSEL-V29C51001B-45J Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-45P MOSEL-V29C51001B-45P Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-45T MOSEL-V29C51001B-45T Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-70J MOSEL-V29C51001B-70J Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - V29C51000B-45T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51000 MOSEL-V29LC51000 Datasheet
52Kb / 12P
   512 KILOBIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
logo
List of Unclassifed Man...
F29C51001 ETC1-F29C51001 Datasheet
143Kb / 16P
   1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
logo
AMIC Technology
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com