Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82432A1223K000 Datasheet(PDF) 4 Page - EPCOS

Part # B82432A1223K000
Description  SMT inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82432A1223K000 Datasheet(HTML) 4 Page - EPCOS

  B82432A1223K000 Datasheet HTML 1Page - EPCOS B82432A1223K000 Datasheet HTML 2Page - EPCOS B82432A1223K000 Datasheet HTML 3Page - EPCOS B82432A1223K000 Datasheet HTML 4Page - EPCOS B82432A1223K000 Datasheet HTML 5Page - EPCOS B82432A1223K000 Datasheet HTML 6Page - EPCOS B82432A1223K000 Datasheet HTML 7Page - EPCOS B82432A1223K000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
Higher currents possible at temperatures <TR on request.
Closer tolerances and special versions on request.
Rated inductance LR
Measured with impedance analyzer Agilent 4294A
at frequency fL, 0.1 V, 20 °C
Q factor Qmin
Measured with impedance analyzer Agilent 4294A
at frequency fQ, 20 °C
Rated temperature TR
85
°C
Rated current IR
Maximum permissible DC with inductance decrease
∆L/L
0 ≤ 10% and temperature increase
of
≤ 30 K at rated temperature
Self-resonance frequency fres,min
Measured with network analyzer Agilent 8753D, 20 °C
DC resistance Rmax
Measured at 20
°C
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: (245
±5) °C, (5 ±0.3) s
Wetting of soldering area
≥ 95%
(based on IEC 60068-2-58)
Resistance to soldering heat
260
°C, 40 s (as referenced in JEDEC J-STD 020C)
Climatic category
55/125/56 (to IEC 60068-1)
Storage conditions
Mounted: –55 °C … +125 °C
Packaged: –25 °C … +40 °C,
≤ 75% RH
Weight
Approx. 130 mg
LR
µH
Tolerance
fL
MHz
Qmin
fQ
MHz
IR
mA
Rmax
fres,min
MHz
Ordering code
1.0
±10% K
1
25
7.96
600
0.28
260
B82432A1102K000
1.2
1
25
7.96
560
0.32
250
B82432A1122K000
1.5
1
25
7.96
535
0.35
230
B82432A1152K000
1.8
1
25
7.96
490
0.41
210
B82432A1182K000
2.2
1
30
7.96
480
0.43
190
B82432A1222K000
2.7
1
30
7.96
450
0.49
170
B82432A1272K000
3.3
1
30
7.96
425
0.55
155
B82432A1332K000
3.9
1
30
7.96
410
0.59
145
B82432A1392K000
4.7
1
30
7.96
390
0.65
110
B82432A1472K000
5.6
1
30
7.96
375
0.71
100
B82432A1562K000
6.8
1
30
7.96
360
0.78
75
B82432A1682K000
8.2
1
30
7.96
330
0.92
23
B82432A1822K000
^
B82432A
SMT inductors, SIMID series
SIMID 1812-A


Similar Part No. - B82432A1223K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432A1223K000 EPCOS-B82432A1223K000 Datasheet
487Kb / 8P
   SMT inductors
More results

Similar Description - B82432A1223K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com