Part Name
         Description
EMC1046

 1°C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones ( 36 Page)


SMSC
100% 
Zoom Out Zoom In
 22 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Datasheet
Revision 0.62 (03-05-08)
22
SMSC EMC1046/EMC1047
DATASHEET
5.1
Data Read Interlock
When any temperature channel high byte register is read, the corresponding low byte is copied into
an internal ‘shadow’ register. The user is free to read the low byte at any time and be guaranteed that
it will correspond to the previously read high byte. Regardless if the low byte is read or not, reading
from the same high byte register again will automatically refresh this stored low byte data.
5.2
Temperature Data Registers
All temperatures are stored as an 11-bit value with the high byte representing the integer value and
the low byte representing the fractional value left justified to occupy the MSBits. The data format is
standard 2’s complement from -64°C to 127.875°C as shown in Table 5.3.
Table 5.2 Temperature Data Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
00h
R
Internal Diode
High Byte
Sign
64
32
16
8
4
2
1
29h
R
Internal Diode
Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
01h
R
External
Diode1 High
Byte
Sign
64
32
16
8
4
2
1
00h
10h
R
External Diode
1 Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
23h
R
External Diode
2 High Byte
Sign
64
32
16
8
4
2
1
00h
24h
R
External Diode
2 Low Byte
0.5
0.25
0.125
-
-
-
-
-
2Ah
R
External Diode
3 High Byte
Sign
64
32
16
8
4
2
1
2Bh
R
External Diode
3 Low Byte
0.5
0.25
0.125
-
-
-
-
-
41h
R
External Diode
4 High Byte
Sign
64
32
16
8
4
2
1
42h
R
External Diode
4 Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
43h
R
External Diode
5 High Byte
Sign
64
32
16
8
4
2
1
00h
44h
R
External Diode
5 Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
45h
R
External Diode
6 High Byte
Sign
64
32
16
8
4
2
1
00h
46h
R
External Diode
6 Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EMC10431°C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones 1 2 3 4 5 MoreSMSC Corporation
EMC1043_071C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones 1 2 3 4 5 MoreSMSC Corporation
EMC14021°C Temperature Sensor with Beta Compensation 1 2 3 4 5 MoreSMSC Corporation
EMC14031°C Temperature Sensor with Beta Compensation 1 2 3 4 5 MoreSMSC Corporation
G751_05Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface 1 2 3 4 5 MoreGlobal Mixed-mode Technology Inc
LM95245Precision Remote Diode Digital Temperature Sensor with TruTherm™ BJT Beta Compensation Technology for 45nm Process Coming SoonNational Semiconductor
LM95245_08Precision Remote Diode Digital Temperature Sensor with TruTherm® BJT Beta Compensation Technology for 45nm Process Coming SoonNational Semiconductor
EMC14231°C Temperature Sensor with Hardware Thermal Shutdown 1 2 3 4 5 MoreSMSC Corporation
EMC1422_081°C Temperature Sensor with Hardware Thermal Shutdown 1 2 3 4 5 MoreSMSC Corporation
LM75_05Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface 1 2 3 4 5 MoreNational Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl