Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF38F5070M0TWW0 Datasheet(PDF) 6 Page - Numonyx B.V

Part # PF38F5070M0TWW0
Description  StrataFlash짰 Cellular Memory
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PF38F5070M0TWW0 Datasheet(HTML) 6 Page - Numonyx B.V

Back Button PF38F5070M0TWW0 Datasheet HTML 2Page - Numonyx B.V PF38F5070M0TWW0 Datasheet HTML 3Page - Numonyx B.V PF38F5070M0TWW0 Datasheet HTML 4Page - Numonyx B.V PF38F5070M0TWW0 Datasheet HTML 5Page - Numonyx B.V PF38F5070M0TWW0 Datasheet HTML 6Page - Numonyx B.V PF38F5070M0TWW0 Datasheet HTML 7Page - Numonyx B.V PF38F5070M0TWW0 Datasheet HTML 8Page - Numonyx B.V PF38F5070M0TWW0 Datasheet HTML 9Page - Numonyx B.V PF38F5070M0TWW0 Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
6
Order Number: 309823-11
Revision History
Date
Revision Description
14-April-06
001
Initial Release
28-April-06
002
Updated the template (naming and branding).
On the cover page, changed BEFP from 1.6 µs/byte (typ) to 3.2 µs/Word (typ).
20-June-06
003
Correced the BEFP on the cover page to read 3.2 µs/Word and synchronized the BEFP on the
cover with that in Section 7.4, “Program and Erase Characteristics” on page 68.
Added Figure 1, “Mechanical Specifications: x16D (105-ball) package (8x10x1.0 mm)” on page 14 and
Figure 5, “Mechanical Specifications: x16 Split Bus (165-ball) package (10x11x1.2 mm)” on page 18
.
Added the following line item part numbers:
—PF48F6000M0Y0BE
—PF38F6070M0Y0BE
—PF38F6070M0Y0VE
—PF48F6000M0Y1BE
October 2006
004
Removed information on the 90 nm Extended Flash Array (EFA) feature that is no longer
supported.
November 2006
005
Revised to include 65 nm, 1-Gbit device information. Moved sections for Device ID, Additional
Information, and Order Information to Functional Description chapter. Created a separate M18
Developer’s Manual to include the following information:
—Bus Interface
—Flash Operations
—Device Command Codes
—Flow Charts
—Common Flash Interface
—Next State Table
Removed line item PF5566MMY0C0 (512+512 M18 + 128 + 128 PSRAM) and its accompanying
package (8x11x1.4, x16C 107 ball).
Added the following line items:
—PF48F6000M0Y0BE, 65 nm
—PF38F6070M0Y0BE, 65 nm
—PF38F4060M0Y0B0
—PF58F0031M0Y1BE, 65 nm
—PF38F6070M0Y0C0, 65 nm
—PF38F4060M0Y0C0
—PF38F4060M0Y1C0
—PF38F6070M0Y0VE, 65 nm
Added the following packages to support new line items:
—8x10x1.0, x16D 105 ball
—11x15x1.2, x16D 105 ball
—11x11x1.2, x16C 107 ball
—8x10x1.2, x16C 107 ball
—10x11x1.2, x16SB 165 ball
November 2006
006
Updated line item information.
February 2007
007
Added the following line items and package as applicable:
PF48F4000M0Y0CE, 8x10x1.0 x16C
June 2007
008
Merged the Developer Manual and Datasheet content into a single document.
March 2008
009
Updated the Performance specifications for 133MHz Capulet 1G improvements.
March 2007
008
Updated timing diagrams in AC Characteristics section.


Similar Part No. - PF38F5070M0TWW0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
PF38F5070M0T0B NUMONYX-PF38F5070M0T0B Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
More results

Similar Description - PF38F5070M0TWW0

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RC28F128J3A INTEL-RC28F128J3A_13 Datasheet
990Kb / 72P
   Intel StrataFlash짰 Memory
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
   5 Volt Intel StrataFlash짰 Memory
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Intel Corporation
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
M/A-COM Technology Solu...
CSM1-17 MA-COM-CSM1-17 Datasheet
97Kb / 3P
   Cellular Applications
logo
RFHIC
RFUR08-50 RFHIC-RFUR08-50 Datasheet
239Kb / 5P
   Cellular Converter
logo
Analog Devices
HMC832 AD-HMC832 Datasheet
1Mb / 49P
   Cellular infrastructure
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A_15 Datasheet
296Kb / 5P
   4G Cellular
logo
Guangdong Youtai Semico...
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
   Cellular phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com