Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2789 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT2789
Description  Low Noise, High Frequency Dual Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2789 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT2789 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AAT2789
Low Noise, High Frequency Dual Step-Down Converter
SystemPowerTM
PRODUCT DATASHEET
2789.2008.03.1.0
5
www .analogictech.com
AAT2789
Low Noise, High Frequency Dual Step-Down Converter
SystemPowerTM
PRODUCT DATASHEET
2789.2008.03.1.0
5
www .analogictech.com
Typical Characteristics – Channel 1
Efficiency vs. Output Current
(VOUT = 3.3V)
Output Current (mA)
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
VIN = 3.6V
VIN = 4.2V
VIN = 5V
Load Regulation vs. Output Current
(VOUT = 3.3V)
Output Current (mA)
-1.0
-0.5
0.0
0.5
1.0
0.1
1
10
100
1000
10000
VIN = 3.6V
VIN = 4.2V
VIN = 5V
Efficiency vs. Output Current
(VOUT = 1.8V)
Output Current (mA)
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Load Regulation vs. Output Current
(VOUT = 1.8V)
Output Current (mA)
-1.0
-0.5
0.0
0.5
1.0
0.1
1
10
100
1000
10000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Efficiency vs. Output Current
(VOUT = 1.2V)
Output Current (mA)
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Load Regulation vs. Output Current
(VOUT = 1.2V)
Output Current (mA)
-1.0
-0.5
0.0
0.5
1.0
0.1
1
10
100
1000
10000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V


Similar Part No. - AAT2789

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2782 ANALOGICTECH-AAT2782 Datasheet
3Mb / 22P
   Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Skyworks Solutions Inc.
AAT2782 SKYWORKS-AAT2782 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
AAT2782 SKYWORKS-AAT2782_12 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
logo
Advanced Analogic Techn...
AAT2783 ANALOGICTECH-AAT2783 Datasheet
1Mb / 22P
   Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Skyworks Solutions Inc.
AAT2783 SKYWORKS-AAT2783 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
More results

Similar Description - AAT2789

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2120 ANALOGICTECH-AAT2120 Datasheet
1Mb / 20P
   500mA Low Noise Step-Down Converter
AAT2158_0810 ANALOGICTECH-AAT2158_0810 Datasheet
1Mb / 17P
   1.5A Low Noise Step-Down Converter
AAT2120 ANALOGICTECH-AAT2120_08 Datasheet
684Kb / 19P
   500mA Low Noise Step-Down Converter
AAT2158 ANALOGICTECH-AAT2158_08 Datasheet
756Kb / 16P
   1.5A Low Noise Step-Down Converter
AAT2153 ANALOGICTECH-AAT2153 Datasheet
2Mb / 17P
   2.5A Low Noise Step-Down Converter
AAT2158 ANALOGICTECH-AAT2158 Datasheet
706Kb / 18P
   1.5A Low Noise Step-Down Converter
AAT2713 ANALOGICTECH-AAT2713 Datasheet
1Mb / 23P
   Low Noise Dual 600mA Step-Down Converter with Synchronization
logo
Linear Technology
LTC3252 LINER-LTC3252 Datasheet
292Kb / 12P
   Dual, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3252 LINER-LTC3252_15 Datasheet
298Kb / 12P
   Dual, Low Noise, Inductorless Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT2522 SKYWORKS-AAT2522 Datasheet
3Mb / 19P
   Dual High-Current, Low-Noise, Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com