Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2786IRN-AE-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT2786IRN-AE-T1
Description  1.5A Step-Down Converter and 150mA LDO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2786IRN-AE-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT2786IRN-AE-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
AAT2786
1.5A Step-Down Converter and 150mA LDO
SystemPower
TM
PRODUCT DATASHEET
8
2786.2008.04.1.0
www .analogictech.com
AAT2786
1.5A Step-Down Converter and 150mA LDO
SystemPower
TM
PRODUCT DATASHEET
8
2786.2008.04.1.0
www .analogictech.com
Typical Characteristics–Step-Down Converter
Efficiency vs. Output Current
(Light-Load Mode; VOUT = 1.2V)
Output Current (mA)
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Load Regulation
(Light-Load Mode; VOUT = 1.2V)
Output Current (mA)
-0.50
-0.25
0.00
0.25
0.50
0.1
1
10
100
1000
10000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Efficiency vs. Output Current
(PWM Mode; VOUT = 1.2V)
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Load Regulation
(PWM Mode; VOUT = 1.2V)
Output Current (mA)
-0.50
-0.25
0.00
0.25
0.50
0.1
1
10
100
1000
10000
VIN = 2.7V VIN = 3.6V
VIN = 4.2V
Output Voltage vs. Temperature
(VIN = 3.6V; VOUT = 1.8V; IOUT = 1A)
Temperature (
°°C)
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-40
-20
0
20
40
60
80
Supply Current vs. Supply Voltage
(VOUT = 1.8V; No Load; Light-Load Mode)
Supply Voltage (V)
30
35
40
45
50
55
60
65
70
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
85°C
25°C
-40°C


Similar Part No. - AAT2786IRN-AE-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2786IRN-AE-T1 SKYWORKS-AAT2786IRN-AE-T1 Datasheet
3Mb / 27P
   1.5A Step-Down Converter and 150mA LDO
More results

Similar Description - AAT2786IRN-AE-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2786 SKYWORKS-AAT2786 Datasheet
3Mb / 27P
   1.5A Step-Down Converter and 150mA LDO
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145_08 Datasheet
851Kb / 17P
   1.5A Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1145 SKYWORKS-AAT1145 Datasheet
1Mb / 18P
   1.5A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
AAT2500M ANALOGICTECH-AAT2500M Datasheet
721Kb / 22P
   400mA Step-Down Converter and 300mA LDO
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Lowpower Semiconductor ...
LP3218 POWER-LP3218 Datasheet
649Kb / 8P
   1.5MHz, 1.5A Step-Down Converter
LP3209 POWER-LP3209 Datasheet
1Mb / 10P
   1.5MHz, 1.5A Step-Down Converter
logo
Exar Corporation
XRP6657 EXAR-XRP6657_12 Datasheet
925Kb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com