Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2515 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT2515
Description  Dual 600mA Fast Transient High Frequency Buck Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2515 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT2515 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2515 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2515 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2515 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2515 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2515 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2515 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2515 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2515 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AAT2515
Dual 600mA Fast Transient High Frequency Buck Converter
SystemPowerTM
PRODUCT DATASHEET
6
2515.2007.12.1.0
www .analogictech.com
AAT2515
Dual 600mA Fast Transient High Frequency Buck Converter
SystemPowerTM
PRODUCT DATASHEET
6
2515.2007.12.1.0
www .analogictech.com
Typical Characteristics
EN1 = VIN; EN2 = GND.
Soft Start
(VIN = 3.6V; VOUT = 1.8V; IOUT = 400mA)
Time (100
μμs/div)
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VEN
IL
VO
Line Regulation
(VOUT = 1.8V)
Input Voltage (V)
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IOUT = 10mA
IOUT = 400mA
IOUT = 1mA
Output Voltage Error vs. Temperature
(VIN = 3.6V; VO = 1.8V; IOUT = 400mA)
Temperature (
°°C)
-2.0
-1.0
0.0
1.0
2.0
-40
-20
0
20
40
60
80
100
Switching Frequency vs. Temperature
(VIN = 3.6V; VOUT = 1.8V)
Temperature (
°°C)
-15.0
-12.0
-9.0
-6.0
-3.0
0.0
3.0
6.0
9.0
12.0
15.0
-40
-20
0
20
40
60
80
100
Frequency vs. Input Voltage
Input Voltage (V)
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
No Load Quiescent Current vs. Input Voltage
Input Voltage (V)
10
15
20
25
30
35
40
45
50
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
85°C
25°C
-40°C


Similar Part No. - AAT2515

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2515 SKYWORKS-AAT2515 Datasheet
1Mb / 20P
   Dual 600mA, Fast Transient High Frequency Buck Converter
AAT2515IWP-AA-T1 SKYWORKS-AAT2515IWP-AA-T1 Datasheet
1Mb / 20P
   Dual 600mA, Fast Transient High Frequency Buck Converter
More results

Similar Description - AAT2515

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2515 SKYWORKS-AAT2515 Datasheet
1Mb / 20P
   Dual 600mA, Fast Transient High Frequency Buck Converter
logo
Advanced Analogic Techn...
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1141 SKYWORKS-AAT1141 Datasheet
2Mb / 20P
   Fast Transient 600mA Step-Down Converter
logo
Advanced Analogic Techn...
APS1056 ANALOGICTECH-APS1056 Datasheet
629Kb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141_0810 ANALOGICTECH-AAT1141_0810 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141_08 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
logo
SYNC POWER Crop.
SP3406 SYNC-POWER-SP3406 Datasheet
154Kb / 6P
   600mA Buck Converter
logo
Advanced Analogic Techn...
AAT2512 ANALOGICTECH-AAT2512 Datasheet
729Kb / 20P
   Dual 400mA High Frequency Buck Converter
AAT2146 ANALOGICTECH-AAT2146 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com