Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2146IJS-0.6-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT2146IJS-0.6-T1
Description  Low Noise, Fast Transient 600mA Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2146IJS-0.6-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT2146IJS-0.6-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AAT2146
Low Noise, Fast Transient 600mA Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
4
2146.2008.04.1.1
www .analogictech.com
AAT2146
Low Noise, Fast Transient 600mA Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
4
2146.2008.04.1.1
www .analogictech.com
Electrical Characteristics1
TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C, VIN = 3.6V.
Symbol Description
Conditions
Min
Typ Max Units
Step-Down Converter
VIN
Input Voltage
2.7
5.5
V
VIN Rising
2.7
V
VUVLO
UVLO Threshold
Hysteresis
100
mV
VIN Falling
1.8
V
VOUT
Output Voltage Tolerance
IOUT = 0 to 600mA, VIN = 2.7V to 5.5V
-3.0
+3.0
%
VOUT
Output Voltage Range
0.6
VIN
V
IQ
Quiescent Current
No Load, 0.6V Adjustable Version
37
70
μA
ISHDN
Shutdown Current
EN = AGND = PGND
1.0
μA
ILIM
P-Channel Current Limit
800
mA
RDS(ON)H
High Side Switch On Resistance
0.35
Ω
RDS(ON)L
Low Side Switch On Resistance
0.30
Ω
ΔVLinereg
Line Regulation
VIN = 2.7V to 5.5V; IOUT = 600mA
0.1
%/V
VOUT
Out Threshold Voltage Accuracy
0.6V Output, No Load; TA = 25°C
591
600
609
mV
IOUT
Out Leakage Current
0.6V Output
0.2
μA
ROUT
Out Impedance
>0.6V Output
250
TS
Start-Up Time
From Enable to Output Regulation
150
μs
FOSC
Oscillator Frequency
TA = 25°C
0.9
2.0
2.6
MHz
TSD
Over-Temperature Shutdown Threshold
140
°C
THYS
Over-Temperature Shutdown Hysteresis
15
°C
EN
VEN(L)
Enable Threshold Low
0.6
V
VEN(H)
Enable Threshold High
1.4
V
IEN
Input Low Current
VIN = VOUT = 5.5V
-1.0
1.0
μA
1. The AAT2146 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured by design, characterization, and correla-
tion with statistical process controls.


Similar Part No. - AAT2146IJS-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2146IJS-0.6-T1 ANALOGICTECH-AAT2146IJS-0.6-T1 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
More results

Similar Description - AAT2146IJS-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2146 ANALOGICTECH-AAT2146_08 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2146W SKYWORKS-AAT2146W Datasheet
2Mb / 18P
   Low-Noise, Fast Transient 600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1141 SKYWORKS-AAT1141 Datasheet
2Mb / 20P
   Fast Transient 600mA Step-Down Converter
logo
Advanced Analogic Techn...
APS1056 ANALOGICTECH-APS1056 Datasheet
629Kb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141_0810 ANALOGICTECH-AAT1141_0810 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141_08 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2148 SKYWORKS-AAT2148 Datasheet
2Mb / 18P
   Low-Noise, Fast Transient 1A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1147 ANALOGICTECH-AAT1147 Datasheet
645Kb / 19P
   High Efficiency, Low Noise, Fast Transient 400mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com