Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HCT367 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HCT367
Description  HEX BUS BUFFER 3-STATE HCT367 NONINVERTING, HCT368 INVERTING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT367 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HCT367 Datasheet HTML 1Page - STMicroelectronics M74HCT367 Datasheet HTML 2Page - STMicroelectronics M74HCT367 Datasheet HTML 3Page - STMicroelectronics M74HCT367 Datasheet HTML 4Page - STMicroelectronics M74HCT367 Datasheet HTML 5Page - STMicroelectronics M74HCT367 Datasheet HTML 6Page - STMicroelectronics M74HCT367 Datasheet HTML 7Page - STMicroelectronics M74HCT367 Datasheet HTML 8Page - STMicroelectronics M74HCT367 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
50
7
12
15
18
ns
tPLH
tPHL
Propagation
Delay Time
(for HCT367 only)
2.0
50
14
22
28
33
ns
2.0
150
18
28
35
42
tPLH
tPHL
Propagation
Delay Time
(for HCT368 only)
2.0
50
15
24
30
36
ns
2.0
150
19
30
38
45
tPZL
tPZH
Output Enable
Time
2.0
50
16
25
31
38
ns
2.0
150
20
31
39
47
tPLZ
tPHZ
Output Disable
Time
2.0
50
18
25
31
38
ns
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
fot HCT367
for HCT368
47
55
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/6 (per Channel)
TEST CIRCUIT ICC (Opr.)
* INPUT WAVEFORM IS THE SAME AS THAT IN CASE OF
SWITCHING CHARACTERISTICS TEST.
CPD CALCULATION
CPD is to be calculated with the following
formula by using the measured value of
ICC (opr.) in the test circuit opposite.
CPD =
ICC (opr)
fIN
× VCC
In determining the typical value of CPD,a
relatively high frequency of 1 MHz was ap-
plied to fIN, in order to eliminate any error
caused by the quiescent supply current.
M54/M74HCT367/368
5/11


Similar Part No. - M74HCT367

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT367 STMICROELECTRONICS-M74HCT367 Datasheet
203Kb / 9P
   HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
M74HCT367B1R STMICROELECTRONICS-M74HCT367B1R Datasheet
203Kb / 9P
   HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
M74HCT367M1R STMICROELECTRONICS-M74HCT367M1R Datasheet
203Kb / 9P
   HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
M74HCT367RM13TR STMICROELECTRONICS-M74HCT367RM13TR Datasheet
203Kb / 9P
   HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
M74HCT367TTR STMICROELECTRONICS-M74HCT367TTR Datasheet
203Kb / 9P
   HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
More results

Similar Description - M74HCT367

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC367A ONSEMI-MC74HC367A_13 Datasheet
129Kb / 7P
   Hex 3-State Noninverting Buffer
June, 2013 ??Rev. 4
logo
STMicroelectronics
M74HC368 STMICROELECTRONICS-M74HC368 Datasheet
242Kb / 10P
   HEX BUS BUFFER WITH 3 STATE OUTPUT INVERTING
M74HC366 STMICROELECTRONICS-M74HC366_01 Datasheet
246Kb / 10P
   HEX BUS BUFFER WITH 3 STATE OUTPUTS (INVERTING)
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
logo
NXP Semiconductors
HEF40098B NXP-HEF40098B Datasheet
79Kb / 12P
   3-state hex inverting buffer
Rev. 05-31 October 2008
HEF40098B PHILIPS-HEF40098B_15 Datasheet
180Kb / 13P
   Hex inverting buffer; 3-state
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF40098B NEXPERIA-HEF40098B Datasheet
735Kb / 12P
   Hex inverting buffer; 3-state
Rev. 9 - 18 March 2016
logo
ON Semiconductor
MC74HCT366A ONSEMI-MC74HCT366A_14 Datasheet
131Kb / 7P
   Hex 3-State Inverting Buffer
March, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com