Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ1002 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # GBJ1002
Description  Single Phase Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

GBJ1002 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  GBJ1002 Datasheet HTML 1Page - Sirectifier Semiconductors GBJ1002 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBJ10005 thru GBJ1010
FEATURES
* Rating to 1000V PRV
* Ideal for printed circuit board
* Low forward voltage drop, high current capability
* Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
MECHANICAL DATA
* Polarity: Symbols molded on body
* Weight: 0.23 ounces, 6.6 grams
* Mounting position: Any
GBJ10005
GBJ1001
GBJ1002
GBJ1004
GBJ1006
GBJ1008
GBJ1010
VRRM
V
50
100
200
400
600
800
1000
VRMS
V
35
70
140
280
420
560
700
VDC
V
50
100
200
400
600
800
1000
Single Phase Bridge Rectifiers
Symbol
Characteristics
I(AV)
Maximum Average Forward (With Heatsink Note 2)
Rectified Current
@TC=110
oC (Without Heatsink)
Maximum Ratings
10.0
3.0
A
Unit
Dimensions GBJ(RS6M)
IFSM
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave
Superimposed On Rated Load (JEDEC METHOD)
Maximum Forward Voltage At 5.0A DC
VF
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=125 C
170
1.05
10
500
A
V
uA
o
o
I
2t
I
2t Rating For Fusing (t < 8.3 ms)
120
A
2S
CJ
Typical Junction Capacitance Per Element (Note 1)
TSTG
Storage Temperature Range
55
-55 to +150
pF
C
o
NOTES: 1. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
2. Device Mounted On 150mm x 150mm x 1.6mm Cu Plate Heatsink.
Typical Thermal Resistance (Note 2)
1.4
ROJC
C/W
o
TJ
Operating Temperature Range
-55 to +150
C
o


Similar Part No. - GBJ1002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ1002 DIODES-GBJ1002 Datasheet
65Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS21218 Rev. D-2
logo
ASEMI TECHNOLOGY., LTD
GBJ1002 ASEMI-GBJ1002 Datasheet
129Kb / 2P
   10 A Single-Phase Silicon Bridge Rectifier Rectifier Reverse Voltage 50 to 1000V
logo
Micro Commercial Compon...
GBJ1002 MCC-GBJ1002 Datasheet
213Kb / 3P
   10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Suntan Capacitors
GBJ1002 SUNTAN-GBJ1002 Datasheet
261Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBJ1002 MCC-GBJ1002 Datasheet
89Kb / 2P
   10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBJ1002

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
   Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
   Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
   SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
   Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
   Single Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
DF005M COMCHIP-DF005M Datasheet
41Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com