Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC3506 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # GBPC3506
Description  Single Phase Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

GBPC3506 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  GBPC3506 Datasheet HTML 1Page - Sirectifier Semiconductors GBPC3506 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBPC35005 thru GBPC3510
FEATURES
* Rating to 1000V PRV
* High efficiency
* Glass passivated chip junction
* Electrically isolated metal case for maximum heat
dissipation
MECHANICAL DATA
* Case: Molded plastic with Heatsink internally
mounted in the bridge encapsulation
* Polarity: As marked on Body
* Mounting: Hole for # 10 screw
* Weight: 0.63 ounces, 18.0 grams
GBPC35005
GBPC3501
GBPC3502
GBPC3504
GBPC3506
GBPC3508
GBPC3510
VRRM
V
50
100
200
400
600
800
1000
VRMS
V
35
70
140
280
420
560
700
VDC
V
50
100
200
400
600
800
1000
Single Phase Bridge Rectifiers
Dimensions GBPC
Symbol
Characteristics
I(AV)
Maximum Average Forward
Rectified Current
@TC=50
oC (With Heatsink)
Maximum Ratings
35.0
A
Unit
IFSM
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave
Superimposed On Rated Load (JEDEC METHOD)
Maximum Forward Voltage At 17.5A DC
VF
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=125 C
400
1.1
5.0
500
A
V
uA
o
o
I
2t
I
2t Rating For Fusing (t < 8.3 ms), (Note 1)
660
A
2S
CJ
Typical Junction Capacitance Per Element (Note 2)
TSTG
Storage Temperature Range
150
-55 to +150
pF
C
o
NOTES: 1. Measured At Non-repetitive, For Greater Than 1ms And Less Than 8.3ms.
2. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
3. Device Mounted On 300mm x 300mm x 1.6mm Cu Plate Heatsink.
Typical Thermal Resistance (Note 3)
1.2
ROJC
C/W
o
TJ
Operating Temperature Range
-55 to +150
C
o


Similar Part No. - GBPC3506

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3506 PANJIT-GBPC3506 Datasheet
38Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes)
logo
Gulf Semiconductor
GBPC3506 GULFSEMI-GBPC3506 Datasheet
124Kb / 3P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:35.0A
logo
Shenzhen Yixinwei Techn...
GBPC3506 YIXIN-GBPC3506 Datasheet
549Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Surge Components
GBPC3506 SURGE-GBPC3506 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBPC3506 SECOS-GBPC3506 Datasheet
345Kb / 2P
   Molding Single-Phase Bridge Rectifier
More results

Similar Description - GBPC3506

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
   Single Phase Bridge Rectifiers
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
   Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
   Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
   SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
   Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
   Single Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
DF005M COMCHIP-DF005M Datasheet
41Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com