Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB10 Datasheet(PDF) 4 Page - Sirectifier Semiconductors

Part # BTB10
Description  Discrete Triacs(Non-Isolated/Isolated)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

BTB10 Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  BTB10 Datasheet HTML 1Page - Sirectifier Semiconductors BTB10 Datasheet HTML 2Page - Sirectifier Semiconductors BTB10 Datasheet HTML 3Page - Sirectifier Semiconductors BTB10 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BTB/BTA10
Discrete Triacs(Non-Isolated/Isolated)
F ig. 7: R elative variation of gate trigger current,
holding current and latching current vers us
junction temperature (typical values).
F ig. 8: R elative variation of critical rate of decreas e
of main current versus (dV /dt)c (typical values).
F ig.
9: R elative variation of critical rate of
decreas e
of main current vers us
junction
temperature.
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T j(°C )
IG T,IH,IL [T j] / IG T
,IH,IL [T j=25°C ]
IG T
IH & IL
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dV /dt)c (V /µs )
(dI/dt)c [(dV /dt)c] / S pecified (dI/dt)c
B W/C W
C
B
0
25
50
75
100
125
0
1
2
3
4
5
6
T j (°C )
(dI/dt)c [T j] / (dI/dt)c [T j s pecified]


Similar Part No. - BTB10

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
BTB10 SIRECT-BTB10 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Unisonic Technologies
BTB10 UTC-BTB10 Datasheet
158Kb / 3P
   10A TRIACS
logo
STMicroelectronics
BTB10 STMICROELECTRONICS-BTB10 Datasheet
634Kb / 14P
   10 A SnubberlessTM, logic level and standard Triacs
February 2017 Rev 7
logo
Foshan Blue Rocket Elec...
BTB10 FOSHAN-BTB10 Datasheet
1Mb / 7P
   Triac in a TO-220 Plastic Package
logo
SiPower Inc.
BTB10 SIPOWER-BTB10 Datasheet
863Kb / 6P
   10A Triacs
More results

Similar Description - BTB10

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
BTA35 SIRECT-BTA35 Datasheet
1Mb / 2P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB08 SIRECTIFIER-BTB08 Datasheet
337Kb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA26 SIRECT-BTA26 Datasheet
990Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA06 SIRECT-BTA06 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA10 SIRECT-BTA10 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB15 SIRECTIFIER-BTB15 Datasheet
267Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA15 SIRECT-BTA15 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB41 SIRECTIFIER-BTB41 Datasheet
163Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB06 SIRECTIFIER-BTB06 Datasheet
341Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB26 SIRECTIFIER-BTB26 Datasheet
266Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB35 SIRECTIFIER-BTB35 Datasheet
118Kb / 2P
   Discrete Triacs(Non-Isolated/Isolated)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com