Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HCT174 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HCT174
Description  HEX D-TYPE FLIP FLOP WITH CLEAR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT174 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HCT174 Datasheet HTML 1Page - STMicroelectronics M74HCT174 Datasheet HTML 2Page - STMicroelectronics M74HCT174 Datasheet HTML 3Page - STMicroelectronics M74HCT174 Datasheet HTML 4Page - STMicroelectronics M74HCT174 Datasheet HTML 5Page - STMicroelectronics M74HCT174 Datasheet HTML 6Page - STMicroelectronics M74HCT174 Datasheet HTML 7Page - STMicroelectronics M74HCT174 Datasheet HTML 8Page - STMicroelectronics M74HCT174 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
4.5
8
151922
ns
tPLH
tPHL
Propagation
Delay Time
(CK - Q)
4.5
18
28
35
ns
tPHL
Propagation
Delay Time
(CLR - Q)
4.5
18
28
35
42
ns
fMAX
Maximum Clock
Frequency
4.5
30
54
24
MHz
tW(H)
tW(L)
Minimum Pulse
Width
(CLOCK)
4.5
8
151922
ns
tW(L)
Minimum Pulse
Width
(CLR)
4.5
8
151922
ns
ts
Minimum Set-up
Time
4.5
2
101315
ns
th
Minimum Hold
Time
4.5
5
6
8
ns
tREM
Minimum
Removal Time
4.5
5
5
5
5
ns
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
68
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/6 (per FLIP/FLOP)
And the total CPD when N pcs of FLIP FLOP operate can be gained by the following equation: CPD (total)= 38 + 15 x n
M54/M74HCT174
5/11


Similar Part No. - M74HCT174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT174 STMICROELECTRONICS-M74HCT174 Datasheet
243Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HCT174B1R STMICROELECTRONICS-M74HCT174B1R Datasheet
243Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HCT174M1R STMICROELECTRONICS-M74HCT174M1R Datasheet
243Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HCT174RM13TR STMICROELECTRONICS-M74HCT174RM13TR Datasheet
243Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HCT174TTR STMICROELECTRONICS-M74HCT174TTR Datasheet
243Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results

Similar Description - M74HCT174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
263Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
   Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
   Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74LVQ174 STMICROELECTRONICS-74LVQ174_04 Datasheet
299Kb / 13P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com