Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB26 Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # BTB26
Description  Discrete Triacs(Non-Isolated/Isolated)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

BTB26 Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  BTB26 Datasheet HTML 1Page - Sirectifier Semiconductors BTB26 Datasheet HTML 2Page - Sirectifier Semiconductors BTB26 Datasheet HTML 3Page - Sirectifier Semiconductors BTB26 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BTB/BTA26
Discrete Triacs(Non-Isolated/Isolated)
F ig. 1: Maximum power dis s ipation vers us R MS
on-s tate current (full cycle).
F ig.
2-1: R MS on-s tate current vers us cas e
temperature (full cycle).
F ig. 3: R elative variation of thermal impedance
vers us puls e duration.
F ig.
4:
O n-s tate characteris tics (maximum
values ).
F ig.
5: S urge peak on-s tate current versus
number of cycles.
0
5
10
15
20
25
0
5
10
15
20
25
30
IT (R MS ) (A )
P (W)
0
25
50
75
100
125
0
5
10
15
20
25
30
T c(°C )
IT (R MS ) (A )
B TA 24
B T B /T 25
B TA 25/26
1E -3
1E -2
1E -1
1E +0
1E +1
1E +2 5E +2
1E -3
1E -2
1E -1
1E +0
tp (s )
K =[Zth/R th]
Zth(j-c)
Zth(j-a)
B TA/B T B 24/T 25
Zth(j-a)
B TA26
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1
10
100
300
V T M (V )
IT M (A )
T j=25°C
T j max
T j max.
V to = 0.85V
R d = 16 m
1
10
100
1000
0
50
100
150
200
250
300
Number of c
ycles
IT S M (A )
Non repetitive
T j initial=25°C
R epetitive
T c=75°C
One cycle
t=20ms


Similar Part No. - BTB26

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB26 STMICROELECTRONICS-BTB26 Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
logo
Sirectifier Global Corp...
BTB26 SIRECT-BTB26 Datasheet
990Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
STMicroelectronics
BTB26 STMICROELECTRONICS-BTB26 Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTB26 STMICROELECTRONICS-BTB26 Datasheet
142Kb / 12P
   25 A standard and Snubberless??triacs
July 2007 Rev 10
BTB26 STMICROELECTRONICS-BTB26 Datasheet
207Kb / 10P
   800 V and 600 V, 25 A standard Triacs in TOP3 package
Rev 1
More results

Similar Description - BTB26

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
BTA35 SIRECT-BTA35 Datasheet
1Mb / 2P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB08 SIRECTIFIER-BTB08 Datasheet
337Kb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA26 SIRECT-BTA26 Datasheet
990Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA06 SIRECT-BTA06 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA10 SIRECT-BTA10 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB15 SIRECTIFIER-BTB15 Datasheet
267Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA15 SIRECT-BTA15 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB41 SIRECTIFIER-BTB41 Datasheet
163Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB06 SIRECTIFIER-BTB06 Datasheet
341Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB35 SIRECTIFIER-BTB35 Datasheet
118Kb / 2P
   Discrete Triacs(Non-Isolated/Isolated)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com