Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP-3216IT Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KP-3216IT
Description  3.2x1.6mm SMD CHIP LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KP-3216IT Datasheet(HTML) 1 Page - Kingbright Corporation

  KP-3216IT Datasheet HTML 1Page - Kingbright Corporation KP-3216IT Datasheet HTML 2Page - Kingbright Corporation KP-3216IT Datasheet HTML 3Page - Kingbright Corporation KP-3216IT Datasheet HTML 4Page - Kingbright Corporation KP-3216IT Datasheet HTML 5Page - Kingbright Corporation KP-3216IT Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
1-KP-3216
Kingbright
®
Package Dimensions
Features
l
3.2mmx1.6mm SMT LED. 1.1mm THICKNESS.
l
LOW POWER CONSUMPTION.
l
WIDE VIEWING ANGLE.
l
IDEAL FOR BACKLIGHT AND INDICATOR.
l
VARIOUS COLORS AND LENS TYPES AVAILABLE.
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Description
The Bright Red source color devices are made with Gallium
Phosphide Red Light Emitting Diode.
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diodes.
Selection Guide
3.2x1.6mm SMD CHIP LED LAMPS
KP-3216
Part No.
Dice
Lens Type
Iv (mcd)
@ 20 mA
Viewing
Angle
Min.
Typ.
2θ1/2
KP-3216HD
BRIGHT RED (GaP)
RED DIFFUSED
0.8
1.25
120°
KP-3216HC
BRIGHT RED (GaP)
WATER CLEAR
0.8
1.25
120°
KP-3216HT
BRIGHT RED (GaP)
RED TRAS.
0.8
1.2
120°
KP-3216ID
HIGH EFFICIENCY RED (GaAsP/GaP)
RED DIFFUSED
5
12.5
120°
KP-3216EC
HIGH EFFICIENCY RED (GaAsP/GaP)
WATER CLEAR
5
12.5
120°
KP-3216IT
HIGH EFFICIENCY RED (GaAsP/GaP)
RED TRANS.
5
12.5
120°
KP-3216YD
YELLOW (GaAsP/GaP)
YELLOW DIFFUSED
3.2
8
120°
KP-3216YC
YELLOW (GaAsP/GaP)
WATER CLEAR
3.2
8
120°
KP-3216YT
YELLOW (GaAsP/GaP)
YELLOW TRANS.
3.2
8
120°
KP-3216SRD
SUPER BRIGHT RED (GaAlAs)
RED DIFFUSED
40
70
120°
KP-3216SRC
SUPER BRIGHT RED (GaAlAs)
WATER CLEAR
40
70
120°
KP-3216SRT
SUPER BRIGHT RED (GaAlAs)
RED TRANS.
40
70
120°
KP-3216SGD
SUPER BRIGHT GREEN (GaP)
GREEN DIFFUSESD
3.2
12.5
120°
KP-3216SGC
SUPER BRIGHT GREEN (GaP)
WATER CLEAR
3.2
12.5
120°
KP-3216SGT
SUPER BRIGHT GREEN (GaP)
GREEN TRNS.
3.2
12.5
120°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.2.(0.0079")unlessotherwisenoted.
3.Leadspacingismeasuredwheretheleademergepackage.
4.Specificationsaresubjectedtochangewithoutnotice.


Similar Part No. - KP-3216IT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KP-3216IT ETC-KP-3216IT Datasheet
586Kb / 6P
   3.2x1.6mm SMD CHIP LED LAMPS
More results

Similar Description - KP-3216IT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KP-3216 ETC-KP-3216 Datasheet
586Kb / 6P
   3.2x1.6mm SMD CHIP LED LAMPS
logo
Kingbright Corporation
KPTD-3216 KINGBRIGHT-KPTD-3216 Datasheet
143Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMPS
AP3216SGC KINGBRIGHT-AP3216SGC Datasheet
141Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMPS
logo
List of Unclassifed Man...
KPT-3216 ETC-KPT-3216 Datasheet
596Kb / 6P
   3.2x1.6mm SUPER THIN SMD CHIP LED LAMPS
logo
Kingbright Corporation
APTR3216SGC KINGBRIGHT-APTR3216SGC Datasheet
128Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SECK KINGBRIGHT-APTD3216SECK Datasheet
278Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SGC KINGBRIGHT-APTD3216SGC Datasheet
276Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SURCK KINGBRIGHT-APTD3216SURCK Datasheet
278Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216VGC KINGBRIGHT-APTD3216VGC Datasheet
284Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
AP3216SYC KINGBRIGHT-AP3216SYC Datasheet
118Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com