Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJD687M035R Datasheet(PDF) 4 Page - AVX Corporation

Part # TAJD687M035R
Description  voltage derating in applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJD687M035R Datasheet(HTML) 4 Page - AVX Corporation

  TAJD687M035R Datasheet HTML 1Page - AVX Corporation TAJD687M035R Datasheet HTML 2Page - AVX Corporation TAJD687M035R Datasheet HTML 3Page - AVX Corporation TAJD687M035R Datasheet HTML 4Page - AVX Corporation TAJD687M035R Datasheet HTML 5Page - AVX Corporation TAJD687M035R Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
Voltage/Code
35 volt @ 85°C (23 volt @ 125°C) / V
‡ TAJA104M035#
A
0.1
0.5
4
24.0
‡ TAJA154M035#
A
0.15
0.5
4
21.0
‡ TAJA224M035#
A
0.22
0.5
4
18.0
‡ TAJA334M035#
A
0.33
0.5
4
15.0
‡ TAJA474M035#
A
0.47
0.5
4
12.0
‡ TAJB474M035#
B
0.47
0.5
4
10.0
‡ TAJA684M035#
A
0.68
0.5
4
8.0
‡ TAJB684M035#
B
0.68
0.5
4
8.0
TAJA105*035#
A
1.0
0.5
4
7.5
TAJB105*035#
B
1.0
0.5
4
6.5
TAJA155*035#
A
1.5
0.5
6
7.5
TAJB155*035#
B
1.5
0.5
6
5.2
TAJC155*035#
C
1.5
0.5
6
4.5
TAJB225*035#
B
2.2
0.8
6
4.2
TAJC225*035#
C
2.2
0.8
6
3.5
TAJB335*035#
B
3.3
1.2
6
3.5
TAJC335*035#
C
3.3
1.2
6
2.5
TAJB475*035#
B
4.7
1.6
6
3.1
TAJC475*035#
C
4.7
1.6
6
2.2
TAJD475*035#
D
4.7
1.6
6
1.5
TAJC685*035#
C
6.8
2.4
6
1.8
TAJD685*035#
D
6.8
2.4
6
1.3
TAJC106*035#
C
10.0
3.5
6
1.6
TAJD106*035#
D
10.0
3.5
6
1.0
TAJC156*035#
C
15.0
5.3
6
1.4
TAJD156*035#
D
15.0
5.3
6
0.9
TAJD226*035#
D
22.0
7.7
6
0.9
TAJE226*035#
E
22.0
7.7
6
0.9
TAJD336M035#
D
33.0
11.6
6
0.9
TAJE476M035#
E
47.0
16.5
6
0.9
Voltage/Code
50 volt @ 85°C (33 volt @ 125°C) / T
‡ TAJA104M050#
A
0.1
0.5
4
22.0
‡ TAJA154M050#
A
0.15
0.5
4
15.0
‡ TAJB154M050#
B
0.15
0.5
4
17.0
‡ TAJA224M050#
A
0.22
0.5
4
18.0
‡ TAJB224M050#
B
0.22
0.5
4
14.0
‡ TAJB334M050#
B
0.33
0.5
4
12.0
‡ TAJC474M050#
C
0.47
0.5
4
8.0
‡ TAJC684M050#
C
0.68
0.5
4
7.0
TAJC105*050#
C
1.0
0.5
4
5.5
TAJC155*050#
C
1.5
0.8
6
4.5
TAJD155*050#
D
1.5
0.8
6
4.0
TAJD225*050#
D
2.2
1.1
6
2.5
TAJD335*050#
D
3.3
1.7
6
2.0
TAJD475*050#
D
4.7
2.4
6
1.4
TAJD685*050#
D
6.8
3.4
6
1.0
7
TAJ Series
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
Voltage/Code
20 volt @ 85°C (13 volt @ 125°C) / D
‡ TAJA684M020#
A
0.68
0.5
4
12.0
TAJA105*020#
A
1.0
0.5
4
9.0
TAJA155*020#
A
1.5
0.5
6
6.5
TAJA225*020#
A
2.2
0.5
6
5.3
TAJB225*020#
B
2.2
0.5
6
3.5
TAJA335*020#
A
3.3
0.7
6
4.5
TAJB335*020#
B
3.3
0.7
6
3.0
TAJA475*020#
A
4.7
0.9
6
4.0
TAJB475*020#
B
4.7
0.9
6
3.0
‡ TAJC475*020#
C
4.7
0.9
6
2.8
TAJB685*020#
B
6.8
1.4
6
2.5
TAJC685*020#
C
6.8
1.4
6
2.0
TAJB106*020#
B
10
2.0
6
2.1
TAJC106*020#
C
10
2.0
6
1.9
TAJB156*020#
B
15
3.0
6
2.0
TAJC156*020#
C
15
3.0
6
1.7
‡ TAJD156*020#
D
15
3.0
6
1.1
TAJB226*020#
B
22
4.4
6
1.8
TAJC226*020#
C
22
4.4
6
1.6
TAJD226*020#
D
22
4.4
6
0.9
TAJC336*020#
C
33
6.6
6
1.5
TAJD336*020#
D
33
6.6
6
0.9
TAJD476*020#
D
47
9.4
6
0.9
TAJD686*020#
D
68
13.6
6
0.9
TAJE686*020#
E
68
13.6
6
0.9
TAJE107M020#
E
100
20.0
6
0.9
TAJV107*020#
V
100
20.0
8
0.9
Voltage/Code
25 volt @ 85°C (16 volt @ 125°C) /E
TAJA474M025#
A
0.47
0.5
4
14.0
TAJA684M025#
A
0.68
0.5
4
10.0
TAJA105*025#
A
1.0
0.5
4
8.0
TAJA155*025#
A
1.5
0.5
6
7.5
TAJB155*025#
B
1.5
0.5
6
5.0
TAJA225*025#
A
2.2
0.6
6
7.0
TAJB225*025#
B
2.2
0.6
6
4.5
‡ TAJB335*025#
B
3.3
0.8
6
3.5
TAJC335*025#
C
3.3
0.8
6
2.8
TAJB475*025#
B
4.7
1.2
6
2.8
‡ TAJC475*025#
C
4.7
1.2
6
2.4
TAJB685*025#
B
6.8
1.7
6
2.8
TAJC685*025#
C
6.8
1.7
6
2.0
TAJC106*025#
C
10
2.5
6
1.8
TAJD106*025#
D
10
2.5
6
1.2
TAJC156*025#
C
15
3.8
6
1.6
TAJD156*025#
D
15
3.8
6
1.0
TAJC226*025#
C
22
5.5
6
1.4
TAJD226*025#
D
22
5.5
6
0.9
TAJD336M025#
D
33
8.3
6
0.9
TAJE336*025#
E
33
8.3
6
0.9
TAJD476M025#
D
47
11.8
6
0.9
TAJE686M025#
E
68
17
6
0.9
TAJV686*025#
V
68
17
6
0.9
RATINGS & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and
DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
*Insert K for ±10% and M for ±20%.
#Insert R for 7" Reel, S for 13" Reel
‡ Non preferred - AVX reserves the right to supply a higher rated voltage in the
same case size.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter
tolerance part in the same case size, to the same reliability standards.
For parametric information on development codes, please contact your
local AVX sales office.
#Insert R for 7" Reel, S for 13" Reel
‡ Non preferred - AVX reserves the right to supply a higher rated voltage in
the same case size.


Similar Part No. - TAJD687M035R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJD687*002#NJ AVX-TAJD687*002#NJ Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJD687*004#NJ AVX-TAJD687*004#NJ Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJD687002NJ AVX-TAJD687002NJ Datasheet
123Kb / 5P
   General purpose SMT chip tantalum series
TAJD687002NJ AVX-TAJD687002NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD687002NJ AVX-TAJD687002NJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
More results

Similar Description - TAJD687M035R

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6040 NJSEMI-2N6040 Datasheet
241Kb / 2P
   POWER DERATING
SM3F NJSEMI-SM3F Datasheet
121Kb / 2P
   Derating Curves
logo
Zetex Semiconductors
SM8 ZETEX-SM8 Datasheet
76Kb / 1P
   Thermal Resistance and Derating Information
SOD323 ZETEX-SOD323 Datasheet
93Kb / 1P
   Thermal Resistance and Derating Information
logo
Maxim Integrated Produc...
MAX17531AUBEVKIT MAXIM-MAX17531AUBEVKIT Datasheet
948Kb / 8P
   (μMAX) in 5V Output Voltage Applications
Rev 0; 1/17
logo
Zetex Semiconductors
SOT23-6 ZETEX-SOT23-6 Datasheet
75Kb / 1P
   Thermal Resistance and Derating Information
SOT223 ZETEX-SOT223 Datasheet
218Kb / 1P
   Thermal Resistance and Derating Information
SOT23 ZETEX-SOT23 Datasheet
199Kb / 1P
   Thermal Resistance and Derating Information
SOT323 ZETEX-SOT323 Datasheet
106Kb / 1P
   Thermal Resistance and Derating Information
MSOP8 ZETEX-MSOP8 Datasheet
95Kb / 1P
   Thermal Resistance and Derating Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com